Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS640 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS640
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS640 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS640 Datasheet HTML 1Page - STMicroelectronics STPS640 Datasheet HTML 2Page - STMicroelectronics STPS640 Datasheet HTML 3Page - STMicroelectronics STPS640 Datasheet HTML 4Page - STMicroelectronics STPS640 Datasheet HTML 5Page - STMicroelectronics STPS640 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STPS640CT/CF/CB
®
August 1999 - Ed: 4A
POWER SCHOTTKY RECTIFIER
IF(AV)
2x 3 A
VRRM
40 V
Tj (max)
150
°C
VF (max)
0.57 V
MAIN PRODUCT CHARACTERISTICS
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
EXTREMELY FAST SWITCHING
LOW FORWARD DROP VOLTAGE
LOW CAPACITANCE
LOW THERMAL RESISTANCE
INSULATED PACKAGE:
Insulating voltage = 2000V DC
Capacitance = 12pF
SMD PACKAGE (tape and reel option: -TR)
FEATURES AND BENEFITS
Dual Schottky rectifier suited to Switch Mode
Power Supplies and other Power Converters.
This device is intended for use in low and medium
voltage operation, and particulary, in high fre-
quency circuitries where low switching losses are
required (free wheeling and polarity protection).
DESCRIPTION
DPAK
STPS640CB
A1
A2
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(RMS)
RMS forward current
TO-220AB / ISOWATT220AB
10
A
DPAK
6
IF(AV)
Average forward current
δ = 0.5
TO-220AB
Tc = 135
°C3
A
ISOWATT220AB
Tc = 130
°C
DPAK
Tc = 120
°C
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp = 2
µs F = 1kHz square
1
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
A1
A1
K
K
A2
A2
TO-220AB
STPS640CT
ISOWATT220AB
STPS640CF
K
A2
A1
1/6


Similar Part No. - STPS640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS640C STMICROELECTRONICS-STPS640C Datasheet
137Kb / 9P
Power Schottky rectifier
22-Mar-2007
STPS640C STMICROELECTRONICS-STPS640C Datasheet
408Kb / 8P
Power Schottky rectifier
16-May-2017
STPS640C STMICROELECTRONICS-STPS640C Datasheet
408Kb / 8P
Power Schottky rectifier
16-May-2017
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
Automotive power Schottky rectifier
04-Dec-2013
STPS640CB STMICROELECTRONICS-STPS640CB Datasheet
137Kb / 9P
Power Schottky rectifier
22-Mar-2007
More results

Similar Description - STPS640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
Power Schottky rectifier
15-Feb-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com