Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC245AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC245AFPEL
Description  Octal Bidirectional Transceivers with 3-state Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC245AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC245AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC245AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC245AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC245AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC245AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC245AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC245AFPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.4.00 Jul. 27, 2004 page 1 of 6
HD74LVC245A
Octal Bidirectional Transceivers with 3-state Outputs
REJ03D0353–0400Z
(Previous ADE-205-111B (Z))
Rev.4.00
Jul. 27, 2004
Description
The HD74LVC245A has eight buffers with three state outputs in a 20 pin package. When (T /
R) is high, data flows
from the A inputs to the B outputs, and when (T /
R) is low, data flows from the B inputs to the A outputs. A and B bus
are separated by making enable input (
OE) high level. Low voltage and high-speed operation is suitable at the battery
drive product (note type personal computer) and low power consumption extends the life of a battery for long time
operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All input outputs V
I/O (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC245AFPEL
SOP–20 pin (JEITA)
FP–20DAV
FP
EL (2,000 pcs/reel)
HD74LVC245ATELL
TSSOP–20 pin
TTP–20DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
OE
T /
R
Operation
L
L
B data to A bus
L
H
A data to B bus
HX
Z
H:
High level
L:
Low level
X:
Immaterial
Z:
High impedance


Similar Part No. - HD74LVC245AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC245AFP HITACHI-HD74LVC245AFP Datasheet
51Kb / 9P
Octal Bidirectional Transceivers with 3-state Outputs
More results

Similar Description - HD74LVC245AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC245A HITACHI-HD74LVC245A Datasheet
51Kb / 9P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A HITACHI-HD74LVCR2245A Datasheet
68Kb / 13P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B Datasheet
111Kb / 8P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A RENESAS-HD74LVCZ245A Datasheet
105Kb / 9P
Octal Bidirectional Transceivers with 3-state Outputs
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74LVCZ245A RENESAS-HD74LVCZ245A_15 Datasheet
124Kb / 11P
Octal Bidirectional Transceivers with 3?뱒tate Outputs
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
Octal Bidirectional Transceivers with 3-state Outputs
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com