Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC574ATELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC574ATELL
Description  Octal D-type Flip Flops with 3-state Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC574ATELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC574ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LVC574A
Rev.4.00 Jul. 29, 2004 page 4 of 7
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
2.7
80.0
—
—
3.3±0.3
100.0
150.0
—
Maximum clock frequency
fmax
5.0±0.5
125.0
—
—
MHz
2.7
——9.5
3.3±0.3
1.5
—
8.5
Propagation delay time
tPLH
tPHL
5.0±0.5
—
—
7.0
ns
CK
Q
2.7
——9.5
3.3±0.3
1.5
—
8.5
Output enable time
tZH
tZL
5.0±0.5
—
—
7.0
ns
OC
Q
2.7
——8.5
3.3±0.3
1.5
—
7.5
Output disable time
tHZ
tLZ
5.0±0.5
—
—
6.5
ns
OC
Q
2.7
2.0
—
—
3.3±0.3
2.0
—
—
Setup time
tsu
5.0±0.5
2.0
—
—
ns
2.7
1.5
—
—
3.3±0.3
1.5
—
—
Hold time
th
5.0±0.5
1.5
—
—
ns
2.7
3.3
—
—
3.3±0.3
3.3
—
—
Pulse width
tw
5.0±0.5
3.3
—
—
ns
2.7
———
3.3±0.3
—
—
1.0
Between output
pins skew
*1
tOSLH
tOSHL
5.0±0.5
—
—
1.0
ns
Input capacitance
CIN
2.7
—
3.0
—
pF
Output capacitance
CO
2.7
—
15.0
—
pF
Note:
1. This parameter is characterized but not tested.
tosLH = | tPLHm - tPLHn|, tosHL = | tPHLm - tPHLn|



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com