Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC574ATELL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LVC574ATELL
Description  Octal D-type Flip Flops with 3-state Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC574ATELL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LVC574ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVC574ATELL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74LVC574A
Rev.4.00 Jul. 29, 2004 page 2 of 7
Pin Arrangement
(Top view)
11
12
13
14
15
16
17
18
19
20 VCC
1
2
3
4
5
6
7
8
9
10
1D
GND
2D
3D
4D
5D
6D
7D
8D
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CK
OC
D
Q
CK
D
Q
CK
D
Q
CK
D
Q
CK
D
Q
CK
D
Q
CK
D
Q
CK
D
Q
CK
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
–0.5 to 6.0
V
Input diode current
IIK
–50
mA
VI = –0.5 V
Input voltage
VI
–0.5 to 6.0
V
–50
VO = –0.5 V
Output diode current
IOK
50
mA
VO = VCC+0.5 V
–0.5 to VCC +0.5
Output "H" or "L"
Output voltage
VO
–0.5 to 6.0
V
Output "Z" or VCC:OFF
Output current
IO
±50
mA
VCC, GND current / pin
ICC or IGND
100
mA
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com