Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVCZ245ATELL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LVCZ245ATELL
Description  Octal Bidirectional Transceivers with 3-state Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCZ245ATELL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LVCZ245ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LVCZ245A
Rev.3.00 Aug. 18, 2004 page 5 of 8
Switching Characteristics
(Ta = –40 to 85°C)
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
2.7
——7.3
3.3±0.3
1.5
—
6.3
Propagation delay time
tPLH
tPHL
5.0±0.5
—
—
4.8
ns
A or B
B or A
2.7
——9.5
3.3±0.3
1.5
—
8.5
Output enable time
tZH
tZL
5.0±0.5
—
—
7.0
ns
OE
A or B
2.7
——8.5
3.3±0.3
1.7
—
7.5
Output disable time
tHZ
tLZ
5.0±0.5
—
—
6.5
ns
OE
A or B
2.7
———
3.3±0.3
—
—
1.0
Between output pin skew
*1 t
OSLH
tOSHL
5.0±0.5
—
—
1.0
ns
Note:
1. This parameter is characterized but not tested.
tOSLH = |tPLHm–tPLHn|, tOSHL = |tPHLm–tPHLn|
Test Circuit
VCC
A0
OPEN
See
under table
C =
50 pF
OE
T /
R
Output
*1
Input
Pulse generator
B0
Zout = 50 Ω
S1
500
Ω
450
Ω
50
Scope
Ω
GND
6 V
VCC
S2
L
Vcc=2.7V,
Vcc=5.0±0.5V
3.3±0.3V
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
2
×V
CC
Symbol
S2
OPEN
GND
Note: 1. C includes probe and jig capacitance.
L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com