Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVCZ245ATELL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LVCZ245ATELL
Description  Octal Bidirectional Transceivers with 3-state Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCZ245ATELL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LVCZ245ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74LVCZ245A
Rev.3.00 Aug. 18, 2004 page 2 of 8
Pin Arrangement
(Top view)
17
18
15
16
19
20
11
12
13
14
VCC
OE
B0
B1
B2
B3
1
2
3
4
5
6
7
8
9
10
T /
R
A0
A1
A2
A3
A4
A5
GND
A6
A7
B4
B5
B6
B7
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
–0.5 to 7.0
V
Input voltage
VI
–0.5 to 7.0
V
–0.5 to 7.0
Output “Z” or VCC : OFF
Input / output voltage
VI/O
–0.5 to VCC+0.5
V
Output “H” or “L”
Input diode current
IIK
–50
mA
VI < 0
Output diode current
IOK
–50
mA
VO < 0
Output current
IO
±50
mA
VCC, GND current
ICC or IGND
±100
mA
Storage temperature
Tstg
–65 to 150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com