Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS374 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS374
Description  Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS374 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS374 Datasheet HTML 1Page - Renesas Technology Corp HD74LS374 Datasheet HTML 2Page - Renesas Technology Corp HD74LS374 Datasheet HTML 3Page - Renesas Technology Corp HD74LS374 Datasheet HTML 4Page - Renesas Technology Corp HD74LS374 Datasheet HTML 5Page - Renesas Technology Corp HD74LS374 Datasheet HTML 6Page - Renesas Technology Corp HD74LS374 Datasheet HTML 7Page - Renesas Technology Corp HD74LS374 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Feb.18.2005, page 1 of 7
HD74LS374
Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
REJ03D0483–0200
Rev.2.00
Feb.18.2005
The HD74LS374, 8-bit register features totem-pole three-state outputs designed specifically for driving highly-
capacitive or relatively low-impedance loads. The high-impedance third state and increased high-logic-level drive
provide this register with the capability of being connected directly to and driving the bus lines in a bus-organized
system without need for interface or pull-up components. They are particularly attractive for implementing buffer
registers, I/O ports, bidirectional bus drivers, and working registers. The eight flip-flops are edge-triggered D-type flip-
flops. On the positive transition the clock, the Q outputs will be set to the logic states that ware setup at the D inputs.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS374P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74LS374FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74LS374RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
GND
Output
Control
1Q
1D
2D
2Q
3Q
3D
4D
4Q
8Q
7D
8D
7Q
6D
6Q
5D
Clock
5Q
20
17
18
19
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Q
D
CK
OE
Q
D
CK
OE
Q
D
CK
OE
Q
D
CK
OE
Q
D
CK
OE
Q
D
CK
OE
Q
D
CK
OE
Q
D
CK
OE


Similar Part No. - HD74LS374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS374 HITACHI-HD74LS374 Datasheet
86Kb / 7P
Octal D-type Edge-triggered Flip-Flips(with three-state outputs)
HD74LS374 HITACHI-HD74LS374 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS374FPEL RENESAS-HD74LS374FPEL Datasheet
126Kb / 10P
Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
HD74LS374P RENESAS-HD74LS374P Datasheet
126Kb / 10P
Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
HD74LS374RPEL RENESAS-HD74LS374RPEL Datasheet
126Kb / 10P
Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
More results

Similar Description - HD74LS374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT574 TI-SN74ABT574_02 Datasheet
332Kb / 17P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574_08 Datasheet
748Kb / 20P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS374 RENESAS-HD74LS374_15 Datasheet
126Kb / 10P
Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com