Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS374 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS374
Description  Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS374 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS374 Datasheet HTML 1Page - Renesas Technology Corp HD74LS374 Datasheet HTML 2Page - Renesas Technology Corp HD74LS374 Datasheet HTML 3Page - Renesas Technology Corp HD74LS374 Datasheet HTML 4Page - Renesas Technology Corp HD74LS374 Datasheet HTML 5Page - Renesas Technology Corp HD74LS374 Datasheet HTML 6Page - Renesas Technology Corp HD74LS374 Datasheet HTML 7Page - Renesas Technology Corp HD74LS374 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74LS374
Rev.2.00, Feb.18.2005, page 3 of 7
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.4
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –2.6 mA
—
—
0.4
IOL = 12 mA
Output voltage
VOL
—
—
0.5
V
IOL = 24 mA
VCC = 4.75 V,
VIH = 2 V, VIL = 0.8 V
IOZH
—
—
20
VO = 2.7 V
Output current
IOZL
—
—
–20
µA
VO = 0.4 V
VCC = 5.25 V,
VIH = 2 V, VIL = 0.8 V
IIH
—
—
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
—
—
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
—
—
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output current
IOS
–30
—
–130
mA
VCC = 5.25 V
Supply current
ICC
—
27
40
mA
VCC = 5.25 V,
VI = 4.5 V (Output control)
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Output
min.
typ.
max.
Unit
Condition
Maximum clock frequency
ƒmax
Clock
Q
35
50
—
MHz
tPLH
—
15
28
Propagation delay time
tPHL
Clock
Q
—
19
28
tZH
—
20
28
Output enable time
tZL
OC
Q
—
21
28
CL = 45 pF,
RL = 667
Ω
tHZ
—
12
20
Output disable time
tLZ
OC
Q
—
14
25
ns
CL = 5 pF,
RL = 667
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com