Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS393 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS393
Description  Dual 4-bit Binary Counters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS393 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS393 Datasheet HTML 1Page - Renesas Technology Corp HD74LS393 Datasheet HTML 2Page - Renesas Technology Corp HD74LS393 Datasheet HTML 3Page - Renesas Technology Corp HD74LS393 Datasheet HTML 4Page - Renesas Technology Corp HD74LS393 Datasheet HTML 5Page - Renesas Technology Corp HD74LS393 Datasheet HTML 6Page - Renesas Technology Corp HD74LS393 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LS393
Rev.2.00, Feb.18.2005, page 4 of 6
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum count frequency
ƒmax
A
QA
25
35
—
MHz
tPLH
—
12
20
tPHL
A
QA
—
13
20
ns
tPLH
—
40
60
tPHL
A
QD
—
40
60
ns
Propagation delay time
tPHL
Clear
Any
—
24
39
ns
CL = 15 pF,
RL = 2 k
Ω
Note:
Refer to Test Circuit and Waveform of the Common Item "TTL Common Matter (Document No.: REJ27D0005-
0100)".



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com