Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS393 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS393
Description  Dual 4-bit Binary Counters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS393 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS393 Datasheet HTML 1Page - Renesas Technology Corp HD74LS393 Datasheet HTML 2Page - Renesas Technology Corp HD74LS393 Datasheet HTML 3Page - Renesas Technology Corp HD74LS393 Datasheet HTML 4Page - Renesas Technology Corp HD74LS393 Datasheet HTML 5Page - Renesas Technology Corp HD74LS393 Datasheet HTML 6Page - Renesas Technology Corp HD74LS393 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Feb.18.2005, page 1 of 6
HD74LS393
Dual 4-bit Binary Counters
REJ03D0486–0200
Rev.2.00
Feb.18.2005
This circuit contains eight master-slave flip-flops and additional gating to implement two individual four-bit counters.
The HD74LS393 comprises two independent four-bit binary counters each having a clear and a clock input.
N-bit binary counter can be implemented with each package providing the capability of divide-by-258.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS393P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS393FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74LS393RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
2A
2Clear
2QA
2QC
2QB
1A
GND
1Clear
1QA
1QB
1QC
1QD
2QD
1
2
3
4
5
6
7
14
8
9
10
11
12
13
CLR
CLR
QB
QA
QC
QD
QB
A
A
QA
QC
QD
Outputs
Outputs


Similar Part No. - HD74LS393

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS393 HITACHI-HD74LS393 Datasheet
60Kb / 6P
DUAL 4-BIT BINARY COUNTERS
HD74LS393 HITACHI-HD74LS393 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
HD74LS393FP HITACHI-HD74LS393FP Datasheet
60Kb / 6P
DUAL 4-BIT BINARY COUNTERS
HD74LS393P HITACHI-HD74LS393P Datasheet
60Kb / 6P
DUAL 4-BIT BINARY COUNTERS
HD74LS393RP HITACHI-HD74LS393RP Datasheet
60Kb / 6P
DUAL 4-BIT BINARY COUNTERS
More results

Similar Description - HD74LS393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
DUAL 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
Dual 4-bit Binary Counters
HD74LS393 HITACHI-HD74LS393 Datasheet
60Kb / 6P
DUAL 4-BIT BINARY COUNTERS
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393_07 Datasheet
612Kb / 21P
DUAL 4-BIT BINARY COUNTERS
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
Dual 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com