Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ2955 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MJ2955
Description  POWER TRANSISTORS(15A,50V,115W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ2955 Datasheet(HTML) 1 Page - Mospec Semiconductor

  MJ2955 Datasheet HTML 1Page - Mospec Semiconductor MJ2955 Datasheet HTML 2Page - Mospec Semiconductor MJ2955 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - MJ2955

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ2955 MOTOROLA-MJ2955 Datasheet
130Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
STMicroelectronics
MJ2955 STMICROELECTRONICS-MJ2955 Datasheet
47Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
logo
Wing Shing Computer Com...
MJ2955 WINGS-MJ2955 Datasheet
64Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
MJ2955 BOCA-MJ2955 Datasheet
174Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ2955 ONSEMI-MJ2955 Datasheet
81Kb / 4P
Complementary Silicon Power Transistors
April, 2004 ??Rev. 4
More results

Similar Description - MJ2955

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
POWER TRANSISTORS(15A)
2N5879 MOSPEC-2N5879 Datasheet
180Kb / 4P
POWER TRANSISTORS(15A,160W)
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
POWER TRANSISTORS(15A,175W)
2SA1386 MOSPEC-2SA1386 Datasheet
124Kb / 3P
POWER TRANSISTORS(15A,130W)
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
POWER TRANSISTORS(15A,130W)
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
POWER TRANSISTORS(15A,90W)
logo
Sanyo Semicon Device
2SB829 SANYO-2SB829 Datasheet
107Kb / 3P
50V/15A Switching Applications
logo
Silicon Supplies
MURC1505 SS-MURC1505 Datasheet
1Mb / 4P
50V 15A 35ns Rectifier
Rev 1.0 27/12/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com