Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS160AP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS160AP
Description  Synchronous Decade Counter (direct clear)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS160AP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS160AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 8Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74LS160A
Rev.3.00, Jul.15.2005, page 5 of 10
Timing Method
Enable
P or T
Load
Clock
Data
Outputs
A to D
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tsu
tw (CK)
th
tsu
th
tsu
th
0V
3V
0V
3V
0V
3V
0V
3V
Testing Method
Test Circuit
4.5V
QA
Load circuit 1
QA
VCC
RL
CL
Input
P.G.
Zout = 50
Ω
Input
P.G.
Zout = 50
Ω
A
B
C
D
CK
P
T
CLR
Load
QC
QD
QB
Same as Load Circuit 1.
QB
Same as Load Circuit 1.
QC
Same as Load Circuit 1.
QD
Ripple
Carry
Ripple
Carry
Same as Load Circuit 1.
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com