Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS160AP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS160AP
Description  Synchronous Decade Counter (direct clear)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS160AP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LS160AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 8Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 9Page - Renesas Technology Corp HD74LS160AP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74LS160A
Rev.3.00, Jul.15.2005, page 6 of 10
Testing Table
Inputs
Enable
Data
Item
From input to
output
Clear
Load
P
T
Clock
A
B
C
D
ƒmax
4.5V
4.5V
4.5V
4.5V
IN
GND
GND
GND
GND
CK
→
Ripply
Carry
4.5V
4.5V
4.5V
4.5V
IN
GND
GND
GND
GND
CK
→ Q
4.5V
4.5V
4.5V
4.5V
IN
GND
GND
GND
GND
CK
→ Q
4.5V
GND
GND
GND
IN
IN*
IN*
IN*
IN*
Enable
T
→
Ripple
Carry
4.5V
GND
4.5V
IN
IN**
4.5V
GND
GND
4.5V
tPLH
tPHL
CLR
→ Q
IN
GND
GND
GND
IN**
4.5V
4.5V
4.5V
4.5V
Notes: *
Measuring outputs correspond to this condition, each outputs (QA, QB, QC, and QD) must not be over the
following rate, “H”, “L”, “L”, and “H”.
** For initialized
Outputs
Item
From input to output
QA
QB
QC
QD
Ripple Carry
ƒmax
OUT
OUT
OUT
OUT
OUT
CK
→Ripple Carry
—
—
—
—
OUT
CK
→Q
OUT
OUT
OUT
OUT
—
CK
→Q
OUT
OUT
OUT
OUT
—
Enable T
→Ripple Carry
—
—
—
—
OUT
tPLH
tPHL
CLR
→Q
OUT
OUT
OUT
OUT
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com