Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS162AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS162AFPEL
Description  Synchronous Decade Counter (synchronous clear)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS162AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS162AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS162AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS162AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS162AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS162AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS162AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS162AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS162AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS162AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.3.00, Jul.15.2005, page 1 of 10
HD74LS162A
Synchronous Decade Counter (synchronous clear)
REJ03D0446–0300
Rev.3.00
Jul.15.2005
This synchronous decade counter features an internal carry look-ahead for application in high-speed counting designs.
Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs changes
coincident with each other when so instructed by the count-enable inputs and internal gating. This mode is operation
eliminates the output counting spikes that are normally associated with asynchronous (ripple clock) counters. A
buffered clock input triggers the four flip-flops on the rising (positive-going) edge of the clock input waveform. This
counter is fully programmable; that is, the outputs may be preset to either level. As presetting is synchronous, setting
up a low level at the load input disables the counter and causes the outputs to agree with the setup data after the next
clock pulse regardless of the levels of the enable inputs. Low-to-high transitions at the load input should be avoided
when the clock is low if the enable inputs are high at or before the transition. The clear function is asynchronous and a
low level at the clear input sets all four of the flip-flop outputs low after the next clock pulse, regardless of the levels of
the enable inputs. This synchronous clear allows the count length to be modified easily as decoding the maximum
count desired can be accomplished with one external NAND gate. The gate output is connected to the clear input to
synchronously clear the counter to LLLL. Low-to-high transitions at the clear input should be avoided when the clock
is low if the enable and load inputs are high at or before the transition. The carry look-ahead circuitry provides for
cascading counters for n-bit synchronous applications without additional getting. Instrumental in accomplishing this
function are two count-enable inputs and a ripple carry output. Both count-enable inputs (P and T) must be high to
count, and input T is fed forward to enable the ripple carry output. The ripple carry output thus enabled will produce a
high-level output pulse with a duration approximately equal to the high-level portion of the QA output. This high-level
overflow ripple carry pulse can be used to enable successive cascaded stages. High-to-low-level transitions at the
enable P or T inputs should occur only when the clock input is high.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS162AFPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)


Similar Part No. - HD74LS162AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS162A HITACHI-HD74LS162A Datasheet
114Kb / 7P
Synchronous Decade Counters(synchronous clear)
HD74LS162A HITACHI-HD74LS162A Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS162AFPEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
Presettable synchronous BCD decade counter; synchronous reset
December 1990
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LS162A HITACHI-HD74LS162A Datasheet
114Kb / 7P
Synchronous Decade Counters(synchronous clear)
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
logo
National Semiconductor ...
74HC160 NSC-74HC160 Datasheet
148Kb / 6P
Synchronous Decade Counter with Asynchronous Clear
logo
Renesas Technology Corp
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
Synchronous Decade Counter (direct clear)
HD74HC160 RENESAS-HD74HC160 Datasheet
159Kb / 15P
Synchronous Decade Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com