Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS190P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS190P
Description  Synchronous Up / Down Decade Counter (signal clock line)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS190P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS190P Datasheet HTML 1Page - Renesas Technology Corp HD74LS190P Datasheet HTML 2Page - Renesas Technology Corp HD74LS190P Datasheet HTML 3Page - Renesas Technology Corp HD74LS190P Datasheet HTML 4Page - Renesas Technology Corp HD74LS190P Datasheet HTML 5Page - Renesas Technology Corp HD74LS190P Datasheet HTML 6Page - Renesas Technology Corp HD74LS190P Datasheet HTML 7Page - Renesas Technology Corp HD74LS190P Datasheet HTML 8Page - Renesas Technology Corp HD74LS190P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74LS190
Rev.3.00, Jul.15.2005, page 5 of 10
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock
frequency
ƒmax
Clock
QA, QB, QC, QD
20
25
—
MHz
tPLH
—
22
33
tPHL
Load
QA, QB, QC, QD
—
33
50
ns
tPLH
—
20
32
tPHL
A, B,
C, D
QA, QB, QC, QD
—
27
40
ns
tPLH
—
13
20
tPHL
Clock
Ripple Clock
—
16
24
ns
tPLH
—
16
24
tPHL
Clock
QA, QB, QC, QD
—
24
36
ns
tPLH
—
28
42
tPHL
Clock
Max / Min
—
37
52
ns
tPLH
—
30
45
tPHL
Down /
Up
Ripple Clock
—
30
45
ns
tPLH
—
21
33
tPHL
Down /
Up
Max / Min
—
22
33
ns
tPLH
—
21
33
Propagation
delay time
tPHL
Enable
Ripple Clock
—
22
33
ns
CL = 15 pF,
RL = 2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com