Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS190P Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LS190P
Description  Synchronous Up / Down Decade Counter (signal clock line)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS190P Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LS190P Datasheet HTML 3Page - Renesas Technology Corp HD74LS190P Datasheet HTML 4Page - Renesas Technology Corp HD74LS190P Datasheet HTML 5Page - Renesas Technology Corp HD74LS190P Datasheet HTML 6Page - Renesas Technology Corp HD74LS190P Datasheet HTML 7Page - Renesas Technology Corp HD74LS190P Datasheet HTML 8Page - Renesas Technology Corp HD74LS190P Datasheet HTML 9Page - Renesas Technology Corp HD74LS190P Datasheet HTML 10Page - Renesas Technology Corp HD74LS190P Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74LS190
Rev.3.00, Jul.15.2005, page 8 of 10
Waveforms 2
Load
→Q, Data→Q
Load
Data
(A to D)
Output Q
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tPHL
tPLH
tPHL
tPLH
VOH
VOL
0V
3V
0V
3V
Note:
Conditions on other inputs are irrelevant.
Waveforms 3
G
→Ripple CK, CK→Ripple CK, Down / Up→Ripple CK, Down / Up→Max / Min
Load
Down/Up
Clock
G
Ripple/Clock
Max/Min
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tPHL
tPLH
tPHL
tPLH
tPHL
tPLH
VOH
VOL
VOH
VOL
0V
3V
0V
3V
0V
3V
0V
3V
Note:
All data inputs are low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com