Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS221P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS221P
Description  Dual Monostable Multivibrators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS221P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS221P Datasheet HTML 1Page - Renesas Technology Corp HD74LS221P Datasheet HTML 2Page - Renesas Technology Corp HD74LS221P Datasheet HTML 3Page - Renesas Technology Corp HD74LS221P Datasheet HTML 4Page - Renesas Technology Corp HD74LS221P Datasheet HTML 5Page - Renesas Technology Corp HD74LS221P Datasheet HTML 6Page - Renesas Technology Corp HD74LS221P Datasheet HTML 7Page - Renesas Technology Corp HD74LS221P Datasheet HTML 8Page - Renesas Technology Corp HD74LS221P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LS221
Rev.3.00, Jul.15.2005, page 4 of 8
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
A
Q
—
45
70
tPLH
B
Q
—
35
55
ns
A
Q
—
50
80
tPHL
B
Q
—
40
65
ns
tPHL
Clear
Q
—
35
55
ns
Propagation
delay time
tPLH
Clear
Q
—
44
65
ns
Cext = 80 pF,
Rext = 2 k
Ω
70
120
150
Cext = 80 pF,
Rext = 2 k
Ω
20
47
70
Cext = 0 pF,
Rext = 2 k
Ω
600
670
750
ns
Cext = 100 pF,
Rext = 10 k
Ω
Output pulse
width
tw (out)
A or B
Q or
Q
6
6.7
7.5
ms
Cext = 1
µF,
Rext = 10 k
Ω
CL = 15 pF,
RL = 2 k
Ω
Caution in use
In order to prevent any malfunctions due to noise, connect a high frequency performance capacitor between Vcc and
GND, and keep the wiring between the External components and Cext, Rext/Cext pins as short as possible.
Testing Method
Test Circuit
Cext
+–
Load circuit 1
VCC
RL
CL
Same as Load Circuit 1.
A Input
P.G.
Zout = 50
Ω
B Input
P.G.
Zout = 50
Ω
CLR Input
P.G.
Zout = 50
Ω
Q
Q
Rext
/Cext
Rext
Cext
CLR
B
A
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com