Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS221P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS221P
Description  Dual Monostable Multivibrators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS221P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS221P Datasheet HTML 1Page - Renesas Technology Corp HD74LS221P Datasheet HTML 2Page - Renesas Technology Corp HD74LS221P Datasheet HTML 3Page - Renesas Technology Corp HD74LS221P Datasheet HTML 4Page - Renesas Technology Corp HD74LS221P Datasheet HTML 5Page - Renesas Technology Corp HD74LS221P Datasheet HTML 6Page - Renesas Technology Corp HD74LS221P Datasheet HTML 7Page - Renesas Technology Corp HD74LS221P Datasheet HTML 8Page - Renesas Technology Corp HD74LS221P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74LS221
Rev.3.00, Jul.15.2005, page 3 of 8
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–400
µA
Output current
IOL
—
—
8
mA
Operating temperature
Topr
–20
25
75
°C
Schmitt input, B
1
—
—
V/s
Rate of rise or fall of
input pulse
Logic Input, A
dV/dt
1
—
—
V/
µs
A or B
tw (in)
40
—
—
Input pulse width
Clear
tw (clear)
40
—
—
ns
Setup time
tsu
15
—
—
ns
External timing resistance
Rext
1.4
—
100
k
Ω
External timing capacitance
Cext
0
—
1000
µF
RT = 2 k
Ω
—
—
50
Duty cycle
RT = 100 k
Ω
—
—
90
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VT
+
—
1.0
2.0
V
VCC = 4.75 V
A
VT
–
0.8
1.0
—
V
VCC = 4.75 V
VT
+
—
1.0
2.0
V
VCC = 4.75 V
Threshold
voltage
B
VT
–
0.8
0.9
—
V
VCC = 4.75 V
VOH
2.7
—
—
V
VCC = 4.75 V, IOH = –400
µA
—
—
0.4
IOL = 4 mA
Output voltage
VOL
—
—
0.5
V
IOL = 8 mA
VCC = 4.75 V
IIH
—
—
20
µA
VCC = 5.25 V, VI = 2.7 V
A
—
—
–0.4
B, Clear
IIL
—
—
–0.8
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
—
—
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
—
–100
mA
VCC = 5.25 V
—
4.7
11
Ouiescent
Supply current
ICC
—
19
27
mA
Triggered
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com