Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS243 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS243
Description  Quadruple Bus Transceivers (with three-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS243 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS243 Datasheet HTML 1Page - Renesas Technology Corp HD74LS243 Datasheet HTML 2Page - Renesas Technology Corp HD74LS243 Datasheet HTML 3Page - Renesas Technology Corp HD74LS243 Datasheet HTML 4Page - Renesas Technology Corp HD74LS243 Datasheet HTML 5Page - Renesas Technology Corp HD74LS243 Datasheet HTML 6Page - Renesas Technology Corp HD74LS243 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LS243
Rev.3.00, Jul.15.2005, page 4 of 6
Testing Method
Test Circuit
VCC
4.5 V
Input
Output
P.G.
Zout = 50
RL
1B
GBA
GAB
1A
CL 5 kΩ
S1
S3
S2
Notes:
1.
2A-2B, 3A-3B, 4A-4B are identical to abobe load circuit.
2.
CL includes probe and jig capacitance.
3.
S3 is a input-output switch.
4.
All diodes are 1S2074(H).
Waveforms 1
Input A
(or B)
Output B
(or A)
3 V
0 V
VOL
VOH
1.3 V
1.3 V
1.3 V
1.3 V
10 %
10 %
90 %
90 %
tPLH
tPHH
tTLH
tTHL
Note:
Input pulse: tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle 50%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com