Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS243 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS243
Description  Quadruple Bus Transceivers (with three-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS243 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS243 Datasheet HTML 1Page - Renesas Technology Corp HD74LS243 Datasheet HTML 2Page - Renesas Technology Corp HD74LS243 Datasheet HTML 3Page - Renesas Technology Corp HD74LS243 Datasheet HTML 4Page - Renesas Technology Corp HD74LS243 Datasheet HTML 5Page - Renesas Technology Corp HD74LS243 Datasheet HTML 6Page - Renesas Technology Corp HD74LS243 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, Jul.15.2005, page 1 of 6
HD74LS243
Quadruple Bus Transceivers (with three-state outputs)
REJ03D0462–0300
Rev.3.00
Jul.15.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS243FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Pin Arrangement
(Top view)
VCC
GBA
NC
1B
3B
2B
GAB
GND
NC
1A
2A
3A
4A
4B
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Function Table
Control input
Data port status
GAB
GBA
A
B
H
H
Output
Input
L
H
*
H
L
Isolated
Isolated
L
L
Input
Output
Notes: 1. H; high level, L; low level
2. *; Possibly destructive oscillation may occur if the transceivers are enabled in both directions at once.


Similar Part No. - HD74LS243

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS243 HITACHI-HD74LS243 Datasheet
55Kb / 6P
Quadruple Bus Transceivers(with three-state outputs)
HD74LS243 HITACHI-HD74LS243 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS243A TI-SN54ALS243A Datasheet
85Kb / 5P
QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS242 HITACHI-HD74LS242 Datasheet
58Kb / 6P
Quadruple Bus Transceivers(with three-state outputs)
HD74LS243 HITACHI-HD74LS243 Datasheet
55Kb / 6P
Quadruple Bus Transceivers(with three-state outputs)
logo
Texas Instruments
SN54F242 TI-SN54F242 Datasheet
75Kb / 5P
QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
Quadruple Bus Transceivers (with three-state outputs)
HD74LS245 RENESAS-HD74LS245 Datasheet
88Kb / 6P
Octal Bus Transceivers (with three-state outputs)
logo
Texas Instruments
SN54ALS243A TI1-SN54ALS243A_15 Datasheet
346Kb / 11P
QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F242 TI1-SN54F242_08 Datasheet
90Kb / 5P
QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F243 TI1-SN54F243_08 Datasheet
90Kb / 5P
QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com