Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS247 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS247
Description  BCD-to-Seven-Segment Decoder / Driver (with three-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS247 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS247 Datasheet HTML 1Page - Renesas Technology Corp HD74LS247 Datasheet HTML 2Page - Renesas Technology Corp HD74LS247 Datasheet HTML 3Page - Renesas Technology Corp HD74LS247 Datasheet HTML 4Page - Renesas Technology Corp HD74LS247 Datasheet HTML 5Page - Renesas Technology Corp HD74LS247 Datasheet HTML 6Page - Renesas Technology Corp HD74LS247 Datasheet HTML 7Page - Renesas Technology Corp HD74LS247 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74LS247
Rev.3.00, Jul.15.2005, page 3 of 7
Block Diagram
RBI
Ripple Blanking
Input
BI/BRO
Blanking Input or
Ripple Blanking
Output
Lamp Test
Input
a
b
c
e
d
f
g
Outputs
Inputs
D
C
B
A
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Output current (tw
≤ 1ms, duty cycle ≤ 10%)
IO (peak)
200
mA
Output current (off-state)
IO (off)
1
mA
Operating temperature
Topr
–20 to +75
°C
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com