Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS247 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS247
Description  BCD-to-Seven-Segment Decoder / Driver (with three-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS247 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS247 Datasheet HTML 1Page - Renesas Technology Corp HD74LS247 Datasheet HTML 2Page - Renesas Technology Corp HD74LS247 Datasheet HTML 3Page - Renesas Technology Corp HD74LS247 Datasheet HTML 4Page - Renesas Technology Corp HD74LS247 Datasheet HTML 5Page - Renesas Technology Corp HD74LS247 Datasheet HTML 6Page - Renesas Technology Corp HD74LS247 Datasheet HTML 7Page - Renesas Technology Corp HD74LS247 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.3.00, Jul.15.2005, page 1 of 7
HD74LS247
BCD-to-Seven-Segment Decoder / Driver
(with three-state outputs)
REJ03D0465–0300
Rev.3.00
Jul.15.2005
The HD74LS247 is electrically and functionally identical to the HD74LS47, respectively, and has the same pin
assignments as its equivalents.
It can be used interchangeably in present or future designs to offer designers a choice between two indicator fonts. The
HD74LS47 composes the 6 and the 9 without tails and the HD74LS247 composes the 6 and the 9 with tails.
Composition of all other characters, including display patterns for BCD inputs above nine, is identical. The
HD74LS247 features active-low outputs designed for driving indicators directly. All of the circuits have full ripple-
blanking input / output controls and a lamp test input.
Segment identification and resultant displays are shown below. Display patterns for BCD input conditions. This circuit
incorporates automatic leading and / or trailing-edge zero-blanking control (RBI and RBO). Lamp test (LT) of this type
may be performed at any time when the BI / RBO node is at a high level.
This type contains an overriding blanking input (BI) which can be used to control the lamp intensity be pulsing or to
inhibit the outputs.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS247P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS247FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74LS247RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74LS247

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS247 HITACHI-HD74LS247 Datasheet
102Kb / 7P
8CD-to-Seven-Segment Decoders/Drivers(with 15V outputs)
HD74LS247 HITACHI-HD74LS247 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS247

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
BCD-to-Seven Segment Latch/Decoder/Driver
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
BCD-to-Seven Segment Latch/Decoder/Driver
HD74LS47 HITACHI-HD74LS47 Datasheet
98Kb / 7P
BCD-to-Seven Segment Decoder Driver(with 15V outputs)
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Intersil Corporation
CA3161 INTERSIL-CA3161 Datasheet
17Kb / 4P
BCD to Seven Segment Decoder/Driver
August 1997
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
BCD-to-Seven Segment Latch/Decoder/Driver
HD74LS47 RENESAS-HD74LS47 Datasheet
106Kb / 7P
BCD-to-Seven-Segment Decoder / Driver (with 15 V Outputs)
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
BCD to Seven Segment Decoder/Driver
Aug 1997
logo
List of Unclassifed Man...
74248 ETC1-74248 Datasheet
75Kb / 1P
BCD- to-Seven- Segment Decoder /Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com