Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS366A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS366A
Description  Hex Bus Drivers (with three-state outputs)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS366A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS366A Datasheet HTML 1Page - Renesas Technology Corp HD74LS366A Datasheet HTML 2Page - Renesas Technology Corp HD74LS366A Datasheet HTML 3Page - Renesas Technology Corp HD74LS366A Datasheet HTML 4Page - Renesas Technology Corp HD74LS366A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.3.00, Jul.22.2005, page 1 of 4
HD74LS366A
Hex Bus Drivers (with three-state outputs)
REJ03D0479–0300
Rev.3.00
Jul.22.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS366AFPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Pin Arrangement
(Top view)
VCC
GND
G1
1A
1Y
2A
2Y
3A
3Y
G2
6A
5A
6Y
5Y
4A
4Y
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Function Table
Inputs
Output
G
1
G
2
A
Y
H
X
X
Z
X
H
X
Z
L
L
H
L
L
L
L
H
Note:
H; high level, L; low level, X; irrelevant, Z; off (high-impedance) state of a 3-state output


Similar Part No. - HD74LS366A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS366A HITACHI-HD74LS366A Datasheet
49Kb / 5P
Hex Bus Drivers(with three-state outputs)
HD74LS366A HITACHI-HD74LS366A Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS366A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC365 HITACHI-HD74HC365 Datasheet
44Kb / 8P
Hex Bus Drivers (with 3-state outputs)
HD74LS365A HITACHI-HD74LS365A Datasheet
52Kb / 6P
Hex Bus Drivers(with three-state outputs)
HD74LS366A HITACHI-HD74LS366A Datasheet
49Kb / 5P
Hex Bus Drivers(with three-state outputs)
HD74LS367A HITACHI-HD74LS367A Datasheet
54Kb / 6P
Hex Bus Drivers(non-inverted data outputs with three-state outputs)
HD74LS368A HITACHI-HD74LS368A Datasheet
54Kb / 6P
Hex Bus Drivers(inverted data outputs with three-state outputs)
logo
Texas Instruments
SN54365A TI-SN54365A_08 Datasheet
835Kb / 24P
HEX BUS DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS365A RENESAS-HD74LS365A Datasheet
145Kb / 5P
Hex Bus Drivers (with three-state outputs)
HD74LS368A RENESAS-HD74LS368A Datasheet
64Kb / 6P
Hex Bus Drivers (inverted data outputs with three-state outputs)
HD74HC365 RENESAS-HD74HC365 Datasheet
91Kb / 7P
Hex Bus Drivers (with 3-state outputs)
logo
Texas Instruments
SN54365A TI1-SN54365A_15 Datasheet
1Mb / 27P
HEX BUS DRIVERS WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com