Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DPFS20V Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2DPFS20V
Description  P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2DPFS20V Datasheet(HTML) 1 Page - STMicroelectronics

  2DPFS20V Datasheet HTML 1Page - STMicroelectronics 2DPFS20V Datasheet HTML 2Page - STMicroelectronics 2DPFS20V Datasheet HTML 3Page - STMicroelectronics 2DPFS20V Datasheet HTML 4Page - STMicroelectronics 2DPFS20V Datasheet HTML 5Page - STMicroelectronics 2DPFS20V Datasheet HTML 6Page - STMicroelectronics 2DPFS20V Datasheet HTML 7Page - STMicroelectronics 2DPFS20V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
November 2002
.
STS2DPFS20V
P-CHANNEL 20V - 0.14
Ω - 2.5A SO-8
2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
DESCRIPTION
This product associates the latest low voltage
StripFETœ in p-channel version to a low drop
Schottky diode. Such configuration is extremely
versatile in implementing, a large variety of DC-DC
converters for printers, portable equipment, and
cellular phones.
MOSFET ABSOLUTE MAXIMUM RATINGS
SCHOTTKY ABSOLUTE MAXIMUM RATINGS
MAIN PRODUCT CHARACTERISTICS
MOSFET
VDSS
RDS(on)
ID
20 V
< 0.20
Ω (@4.5V)
< 0.25
Ω (@2.7V)
2.5 A
SCHOTTKY
IF(AV)
VRRM
VF(MAX)
3 A
30 V
0.51 V
Symbol
Parameter
Value
Unit
VDS
Dain-source Voltage (VGS = 0)
20
V
VDGR
Drain-gate Voltage (RGS = 20 kW)
20
V
VGS
Gate- source Voltage
± 12
V
ID
Drain Current (continuous) at TC = 25°C
2.5
A
ID
Drain Current (continuous) at TC = 100°C
1.58
A
IDM(•)
Drain Current (pulsed)
10
A
Ptot
Total Dissipation at TC = 25°C
2W
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
30
V
IF(RMS)
RMS Forward Curren
20
A
IF(AV)
Average Forward Current
TL=125 oC
δ =0.5
3A
IFSM
Surge Non Repetitive Forward Current
tp= 10 ms
Sinusoidal
75
A
IRSM
Non Repetitive Peak Reverse Current
tp=100
µs1
A
dv/dt
Critical Rate Of Rise Of Reverse Voltage
10000
V/
µs
SO-8
INTERNAL SCHEMATIC DIAGRAM
(
•) Pulse width limited by safe operating area
Note: For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed


Similar Description - 2DPFS20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DPF20V STMICROELECTRONICS-STS2DPF20V Datasheet
117Kb / 6P
DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2001
STS4DPFS20L STMICROELECTRONICS-STS4DPFS20L Datasheet
259Kb / 8P
P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Apr-2002
STS4DPFS2LS STMICROELECTRONICS-STS4DPFS2LS Datasheet
264Kb / 8P
P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Feb-2001
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET™ II POWER MOSFET
Jun-2002
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
Aug-2002
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2002
STT3PF20V STMICROELECTRONICS-STT3PF20V Datasheet
333Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.2A SOT23-6L 2.7-DRIVE STripFET™ II POWER MOSFET
Oct-2002
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
Mar-2004
STS5DNF20V STMICROELECTRONICS-STS5DNF20V_06 Datasheet
308Kb / 12P
N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
13-Nov-2006
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
P-CHANNEL 20V - 0.045Ω - 5A SO-8 STripFET™ II MOSFET
September 2004 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com