Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2546 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC2546
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2546 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC2546 Datasheet HTML 1Page - Renesas Technology Corp 2SC2546 Datasheet HTML 2Page - Renesas Technology Corp 2SC2546 Datasheet HTML 3Page - Renesas Technology Corp 2SC2546 Datasheet HTML 4Page - Renesas Technology Corp 2SC2546 Datasheet HTML 5Page - Renesas Technology Corp 2SC2546 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC2545, 2SC2546, 2SC2547
Rev.3.00 Aug 10, 2005 page 4 of 5
1
0.2
0.1
1.0
2
0.5
10
5
25
10
20
Collector Current IC (mA)
Base to Emitter Saturation Voltage
vs. Collector Current
50
100
IC = 10 IB
1
50
20
200
500
100
2,000
1,000
25
10
20
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
50
100
VCE = 12 V
0.5
2
1
10
20
5
100
50
1.0
2
5
10
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
20
50
IE = 0
f = 1 MHz
0.01
0.1
0.03
0.3
1.0
3
10
Collector Current IC (mA)
Contours of Constant Noise Figure
30
100
NF = 0.5 dB
1
2
4
6
10
VCE = 6 V
f = 1 kHz
0.1
0.03
0.01
1.0
10
3
0.3
100
30
0.01
0.1
0.1
0.03
0.01
3
1.0
10
0.3
100
30
0.03
0.3
1.0
3
10
Collector Current IC (mA)
Contours of Constant Noise Figure
30
100
NF = 0.5 dB
VCE = 6 V
f = 120 Hz
1
2
6
10
4
0.01
0.1
0.1
0.03
0.01
3
1.0
10
0.3
100
30
0.03
0.3
1.0
3
10
Collector Current IC (mA)
Contours of Constant Noise Figure
30
100
NF = 0.5 dB
VCE = 6 V
f = 10 Hz
1 2
6 10
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com