Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2546 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC2546
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2546 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC2546 Datasheet HTML 1Page - Renesas Technology Corp 2SC2546 Datasheet HTML 2Page - Renesas Technology Corp 2SC2546 Datasheet HTML 3Page - Renesas Technology Corp 2SC2546 Datasheet HTML 4Page - Renesas Technology Corp 2SC2546 Datasheet HTML 5Page - Renesas Technology Corp 2SC2546 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC2545, 2SC2546, 2SC2547
Rev.3.00 Aug 10, 2005 page 2 of 5
Electrical Characteristics
(Ta = 25°C)
2SC2545
2SC2546
2SC2547
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V(BR)CBO
60
—
—
90
—
—
120
—
—
V
IC = 10
µA, I
E = 0
Collector to emitter
breakdown voltage
V(BR)CEO
60
—
—
90
—
—
120
—
—
V
IC = 1 mA,
RBE =
∞
Emitter to base breakdown
voltage
V(BR)EBO
5
—
—
5
—
—
5
—
—
V
IE = 10
µA, I
C = 0
Collector cutoff current
ICBO
—
—
0.1
—
—
0.1
—
—
0.1
µA
VCB = 50 V, IE = 0
Emitter cutoff current
IEBO
—
—
0.1
—
—
0.1
—
—
0.1
µA
VEB = 2 V, IC = 0
DC current transfer ratio
hFE*
1
250
—
1200
600
—
1200
250
—
800
VCE = 12 V,
IC = 2 mA
Collector to emitter
saturation voltage
VCE(sat)
—
—
0.2
—
—
0.2
—
—
0.2
V
IC = 10 mA,
IB = 1 mA
Base to emitter voltage
VBE
—
0.6
—
—
0.6
—
—
0.6
—
V
VCE = 12 V,
IC = 2 mA
Gain bandwidth product
fT
—
90
—
—
90
—
—
90
—
MHz
VCE = 12 V,
IC = 2 mA
Collector output capacitance
Cob
—
3.0
—
—
3.0
—
—
3.0
—
pF
VCB = 10 V, IE = 0,
f = 1 MHz
Noise voltage referred input
en
—
0.5
—
—
0.5
—
—
0.5
—
nV/
√Hz
VCE = 6V,
IC = 10 mA,
f = 1 kHz,
Rg = 0,
∆f = 1Hz
Note:
1. The 2SC2545 and 2SC2547 are grouped by hFE as follows.
D
E
F
2SC2545
—
400 to 800
600 to 1200
2SC2547
250 to 500
400 to 800
—



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com