Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2735 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC2735
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2735 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC2735 Datasheet HTML 1Page - Renesas Technology Corp 2SC2735 Datasheet HTML 2Page - Renesas Technology Corp 2SC2735 Datasheet HTML 3Page - Renesas Technology Corp 2SC2735 Datasheet HTML 4Page - Renesas Technology Corp 2SC2735 Datasheet HTML 5Page - Renesas Technology Corp 2SC2735 Datasheet HTML 6Page - Renesas Technology Corp 2SC2735 Datasheet HTML 7Page - Renesas Technology Corp 2SC2735 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC2735
Rev.2.00 Aug 10, 2005 page 5 of 7
VOSC2 UHF Oscillating Output Voltage Test Circuit
330
1.2 p
9 p
470
Ferrite Bead
VBB
L1
L1 : Polyurethane Coated Copper Wire φ1.0 mm
L2 : Polyurethane Coated Copper Wire φ0.8 mm
L3 : φ0.3 mm Enameled Copper wire, 10 Turns with 470 Ω (1/4W)Resistor.
Test Frequency : fosc = 930 MHz
Test Equipment : YHP 4271A Vector Voltmeter
L2
VCC
L1
L3
L2
2,200 p
6.8 k
120 k
VT
1,000 p
1,000 p
1,000 p
ISV70
Vosc Output
Unit
Dimensions of Cavity
(Dimensions in mm)
(Dimensions in mm)
C : F
R :
15
26
10
D.U.T.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com