Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2735 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC2735
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2735 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC2735 Datasheet HTML 1Page - Renesas Technology Corp 2SC2735 Datasheet HTML 2Page - Renesas Technology Corp 2SC2735 Datasheet HTML 3Page - Renesas Technology Corp 2SC2735 Datasheet HTML 4Page - Renesas Technology Corp 2SC2735 Datasheet HTML 5Page - Renesas Technology Corp 2SC2735 Datasheet HTML 6Page - Renesas Technology Corp 2SC2735 Datasheet HTML 7Page - Renesas Technology Corp 2SC2735 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC2735
Rev.2.00 Aug 10, 2005 page 6 of 7
20,000 p
VOSC1 VHF Oscillating Output Voltage Test Circuit
L1 : Inside dia φ3 mm, φ3 mm Enameled Copper Wire 12 Turns
Test Frequency : fosc = 300 MHz
L1
VT
fosc Monitor
Vosc Output
VCC
VBB
200
µ
D.U.T.
4,700 p
4,700 p
1,000 p
7 p
1.5 p
2.2 k
1.1 M
4,700 p
1SV70
200
5.6 p
12 p
Unit C : F
R :
L : H
VHF Conversion Gain : Noise Figure Test Circuit
VCC
VBB
L1
L3
L4
L2 56 p
4.2 p
330
18 p
560
80 p
27 p
2,200 p
2,200 p
2,200 p
1.5 p
f = 200 MHz
Unit C : F
R :
L1 : Inside dia φ5 mm, φ0.5 mm Enameled Copper Wire 4 Turns
L2 : Inside dia φ4 mm, φ0.5 mm Enameled Copper Wire 4 Turns
L3 : Inside dia φ3 mm, φ0.2 mm Enameled Copper Wire 6 Turns
L4 : Outside dia φ5 mm Bobbin, φ0.2 mm Enameled Copper Wire 16 Turns, using Ferrite bead.
fosc = 230 MHz
(0 dBm)
foat = 30 MHz
RL = 50 Ω
Ferrite Bead
D.U.T.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com