Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3DPF20V Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS3DPF20V
Description  DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPF20V Datasheet(HTML) 1 Page - STMicroelectronics

  STS3DPF20V Datasheet HTML 1Page - STMicroelectronics STS3DPF20V Datasheet HTML 2Page - STMicroelectronics STS3DPF20V Datasheet HTML 3Page - STMicroelectronics STS3DPF20V Datasheet HTML 4Page - STMicroelectronics STS3DPF20V Datasheet HTML 5Page - STMicroelectronics STS3DPF20V Datasheet HTML 6Page - STMicroelectronics STS3DPF20V Datasheet HTML 7Page - STMicroelectronics STS3DPF20V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2002
.
STS3DPF20V
DUAL P-CHANNEL 20V - 0.090
Ω - 3A SO-8
STripFET™ POWER MOSFET
s
TYPICAL RDS(on) = 0.090 Ω @ 4.5 V
s
TYPICAL RDS(on) = 0.1 Ω @ 2.7 V
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
ULTRA LOW THRESHOLD
GATE DRIVE (2.7 V)
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
MOBILE PHONE APPLICATIONS
TYPE
VDSS
RDS(on)
ID
STS3DPF20L
20 V
<0.11
Ω
3 A
SO-8
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Note: For the P-CHANNEL MOSFET actual polarity of voltages and
current has to be reversed
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
20
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
20
V
VGS
Gate- source Voltage
± 12
V
ID
Drain Current (continuous) at TC = 25°C Single Operation
Drain Current (continuous) at TC = 100°C Single Operation
3
1.9
A
A
IDM(•)
Drain Current (pulsed)
12
A
Ptot
Total Dissipation at TC = 25°C Dual Operation
Total Dissipation at TC = 25°C Single Operation
1.6
2
W
W
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS3DPF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPF30L STMICROELECTRONICS-STS3DPF30L Datasheet
72Kb / 5P
DUAL P - CHANNEL 30V - 0.145ohm - 3A SO-8 STripFETO POWER MOSFET
May-2000
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
Feb-1999
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
May-2000
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Nov-2000
More results

Similar Description - STS3DPF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DPF20V STMICROELECTRONICS-STS2DPF20V Datasheet
117Kb / 6P
DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2001
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS3DPFS45 STMICROELECTRONICS-STS3DPFS45 Datasheet
263Kb / 8P
P-CHANNEL 45V - 0.080 ohm - 3A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Feb-2002
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Feb-2002
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET™ II POWER MOSFET
Jun-2002
STT4PF20V STMICROELECTRONICS-STT4PF20V Datasheet
247Kb / 8P
P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET
May-2003
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
Mar-2004
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
P-CHANNEL 20V - 0.045Ω - 5A SO-8 STripFET™ II MOSFET
September 2004 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com