Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3DPFS30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS3DPFS30L
Description  P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPFS30L Datasheet(HTML) 1 Page - STMicroelectronics

  STS3DPFS30L Datasheet HTML 1Page - STMicroelectronics STS3DPFS30L Datasheet HTML 2Page - STMicroelectronics STS3DPFS30L Datasheet HTML 3Page - STMicroelectronics STS3DPFS30L Datasheet HTML 4Page - STMicroelectronics STS3DPFS30L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STS3DPFS30L
P - CHANNEL 30V - 0.13
Ω - 3A S0-8
STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
PRELIMINARY DATA
DESCRIPTION:
This product associates the latest low voltage
StripFET™ in p-channel version to a low drop
Schottky diode. Such configuration is extremely
versatile in implementing, a large variety of DC-DC
converters for printers, portable equipment, and
cellular phones.
®
INTERNAL SCHEMATIC DIAGRAM
May 2000
MOSFET ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)30
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
oC3
A
ID
Drain Current (continuous) at Tc = 100
oC
1.9
A
IDM(
•)
Drain Current (pulsed)
12
A
Ptot
Total Dissipation at Tc = 25
oC2
W
MAIN PRODUCT CHARACTERISTICS
MOSFET
VDSS
RDS(on)
ID
30V
<0.16
Ω
3A
SCHOTTKY
IF(AV)
VRRM
VF(MAX)
3A
30V
0.51V
SO-8
SCHOTTKY ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
30
V
IF(RMS)
RMS Forward Current
20
A
IF(AV)
Average Forward Current
TL=125
oC
δ =0.5
3A
IFSM
Surge Non Repetitive Forward Current
tp= 10 ms
Sinusoidal
75
A
IRSM
Non Repetitive Peak Reverse Current
tp=100
µs1
A
dv/dt
Critical Rate Of Rise Of Reverse Voltage
10000
V/
µs
(
•) Pulse width limited by safe operating area
Note: For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
1/5


Similar Part No. - STS3DPFS30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
Feb-1999
More results

Similar Description - STS3DPFS30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM2DPFS30L STMICROELECTRONICS-STM2DPFS30L Datasheet
48Kb / 6P
P - CHANNEL 30V - 0.145ohm - 2A MiniS0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Aug-2001
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
Feb-1999
STS3DPFS45 STMICROELECTRONICS-STS3DPFS45 Datasheet
263Kb / 8P
P-CHANNEL 45V - 0.080 ohm - 3A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Feb-2002
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Jul-2002
STS4DPFS20L STMICROELECTRONICS-STS4DPFS20L Datasheet
259Kb / 8P
P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Apr-2002
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Oct-2000
STS8NFS30L STMICROELECTRONICS-STS8NFS30L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.018ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Dec-1999
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Nov-2000
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
26-Jan-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com