Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3DPFS30L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS3DPFS30L
Description  P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPFS30L Datasheet(HTML) 2 Page - STMicroelectronics

  STS3DPFS30L Datasheet HTML 1Page - STMicroelectronics STS3DPFS30L Datasheet HTML 2Page - STMicroelectronics STS3DPFS30L Datasheet HTML 3Page - STMicroelectronics STS3DPFS30L Datasheet HTML 4Page - STMicroelectronics STS3DPFS30L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-amb
Rthj-amb
Tstg
Tj
(*)Thermal Resistance Junction-ambient MOSFET S.O.
Dual Operating
(*) Thermal Resistance Junction-ambientSCHOTTKY
Storage Temperature Range
Maximum
Junction Temperature
(*) mounted on FR-4 board (steady state)
78
62
100
-65 to 150
150
oC/W
oC/W
oC/W
o C
o C
MOSFET ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250
µA
VGS = 0
30
V
IDSS
Zero
Gate
Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating
Tc = 125
oC
1
10
µA
µA
IGSS
Gate-body
Leakage
Current (VDS = 0)
VGS =
± 16 V
± 1
µA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage VDS = VGS
ID = 250
µA
1
2.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V
ID = 1.5 A
VGS = 4.5V
ID = 1.5 A
0.13
0.15
0.16
0.19
Ω
Ω
ID(on)
On State Drain Current
VDS > ID(on) x RDS(on)max
VGS = 10 V
3A
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (
∗)
Forward
Transconductance
VDS > ID(on) x RDS(on)max
ID =1.5 A
3.5
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse
Transfer
Capacitance
VDS = 25 V
f = 1 MHz
VGS = 0
510
170
55
pF
pF
pF
STS3DPFS30L
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com