Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C84 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 32C84
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C84 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 32C84 Datasheet HTML 35Page - Renesas Technology Corp 32C84 Datasheet HTML 36Page - Renesas Technology Corp 32C84 Datasheet HTML 37Page - Renesas Technology Corp 32C84 Datasheet HTML 38Page - Renesas Technology Corp 32C84 Datasheet HTML 39Page - Renesas Technology Corp 32C84 Datasheet HTML 40Page - Renesas Technology Corp 32C84 Datasheet HTML 41Page - Renesas Technology Corp 32C84 Datasheet HTML 42Page - Renesas Technology Corp 32C84 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
Page 39
5
8
f
o
5
0
0
2
,
8
0
.
l
u
J
1
2
.
1
.
v
e
R
4. Special Function Registers (SFR)
)
T
4
8
/
C
2
3
M
,
4
8
/
C
2
3
M
(
p
u
o
r
G
4
8
/
C
2
3
M
<144-pin Package>
Address
Register
Symbol
Value after RESET
03A016
Function Select Register A8
PS8
X000 00002
03A116
Function Select Register A9
PS9
0016
03A216
03A316
03A416
03A516
03A616
03A716
Function Select Register D1
PSD1
X0XX XX002
03A816
03A916
03AA16
03AB16
03AC16
Function Select Register C2
PSC2
XXXX X00X2
03AD16
Function Select Register C3
PSC3
X0XX XXXX2
03AE16
03AF16
Function Select Register C
PSC
00X0 00002
03B016
Function Select Register A0
PS0
0016
03B116
Function Select Register A1
PS1
0016
03B216
Function Select Register B0
PSL0
0016
03B316
Function Select Register B1
PSL1
0016
03B416
Function Select Register A2
PS2
00X0 00002
03B516
Function Select Register A3
PS3
0016
03B616
Function Select Register B2
PSL2
00X0 00002
03B716
Function Select Register B3
PSL3
0016
03B816
03B916
Function Select Register A5
PS5
XXX0 00002
03BA16
03BB16
03BC16
03BD16
03BE16
03BF16
03C016
Port P6 Register
P6
XX16
03C116
Port P7 Register
P7
XX16
03C216
Port P6 Direction Register
PD6
0016
03C316
Port P7 Direction Register
PD7
0016
03C416
Port P8 Register
P8
XX16
03C516
Port P9 Register
P9
XX16
03C616
Port P8 Direction Register
PD8
00X0 00002
03C716
Port P9 Direction Register
PD9
0016
03C816
Port P10 Register
P10
XX16
03C916
Port P11 Register
P11
XX16
03CA16
Port P10 Direction Register
PD10
0016
03CB16
Port P11 Direction Register
PD11
XXX0 00002
03CC16
Port P12 Register
P12
XX16
03CD16
Port P13 Register
P13
XX16
03CE16
Port P12 Direction Register
PD12
0016
03CF16
Port P13 Direction Register
PD13
0016
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com