Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C84 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 32C84
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C84 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 32C84 Datasheet HTML 41Page - Renesas Technology Corp 32C84 Datasheet HTML 42Page - Renesas Technology Corp 32C84 Datasheet HTML 43Page - Renesas Technology Corp 32C84 Datasheet HTML 44Page - Renesas Technology Corp 32C84 Datasheet HTML 45Page - Renesas Technology Corp 32C84 Datasheet HTML 46Page - Renesas Technology Corp 32C84 Datasheet HTML 47Page - Renesas Technology Corp 32C84 Datasheet HTML 48Page - Renesas Technology Corp 32C84 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
Page 45
5
8
f
o
5
0
0
2
,
8
0
.
l
u
J
1
2
.
1
.
v
e
R
5. Electrical Characteristics (M32C/84)
)
T
4
8
/
C
2
3
M
,
4
8
/
C
2
3
M
(
p
u
o
r
G
4
8
/
C
2
3
M
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
(
f
K
L
C
B
)y
c
n
e
u
q
e
r
F
k
c
o
l
C
U
P
CV
1
C
C
V
5
.
5
o
t
2
.
4
=0
2
3z
H
M
V
1
C
C
V
5
.
5
o
t
0
.
3
=0
4
2z
H
M
X
(
f
N
I
)y
c
n
e
u
q
e
r
F
t
u
p
n
I
k
c
o
l
C
n
i
a
MV
1
C
C
V
5
.
5
o
t
2
.
4
=0
2
3z
H
M
V
1
C
C
V
5
.
5
o
t
0
.
3
=0
4
2z
H
M
X
(
f
N
I
C
)y
c
n
e
u
q
e
r
F
k
c
o
l
C
b
u
S
8
6
7
.
2
30
5z
H
k
(
f
g
n
i
R
)
(
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
p
i
h
c
-
n
OV
1
C
C
V
=
2
C
C
5
2
=
r
p
o
T
,
V
0
.
5
=)
C
°
5
.
01
2
z
H
M
(
f
L
L
P
)y
c
n
e
u
q
e
r
F
k
c
o
l
C
L
L
PV
1
C
C
V
5
.
5
o
t
2
.
4
=0
12
3z
H
M
V
1
C
C
V
5
.
5
o
t
0
.
3
=0
14
2z
H
M
t
)
L
L
P
(
U
S
r
e
z
i
s
e
h
t
n
y
S
y
c
n
e
u
q
e
r
F
L
L
P
e
z
il
i
b
a
t
S
o
t
e
m
i
T
t
i
a
WV
1
C
C
V
0
.
5
=5
s
m
V
1
C
C
V
3
.
3
=0
1s
m
Table 5.2 Recommended Operating Conditions (Continued)
(VCC1=VCC2=3.0V to 5.5V at Topr=–20 to 85oC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com