Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4926 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4926
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4926 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4926 Datasheet HTML 1Page - Renesas Technology Corp 2SC4926 Datasheet HTML 2Page - Renesas Technology Corp 2SC4926 Datasheet HTML 3Page - Renesas Technology Corp 2SC4926 Datasheet HTML 4Page - Renesas Technology Corp 2SC4926 Datasheet HTML 5Page - Renesas Technology Corp 2SC4926 Datasheet HTML 6Page - Renesas Technology Corp 2SC4926 Datasheet HTML 7Page - Renesas Technology Corp 2SC4926 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4926
Rev.3.00 Aug 10, 2005 page 6 of 7
S Parameter
(VCE = 5 V, IC = 5 mA, ZO = 50
Ω, Emitter common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.777
–53.1
12.52
144.9
0.0475
62.8
0.849
–30.4
400
0.647
–90.3
9.36
123.1
0.0708
48.7
0.655
–47.8
600
0.579
–115.4
7.16
109.4
0.0817
42.5
0.522
–57.8
800
0.538
–134.3
5.73
99.9
0.0880
40.1
0.438
–64.8
1000
0.513
–147.5
4.70
92.6
0.0933
40.5
0.386
–69.0
1200
0.508
–159.4
4.00
86.5
0.0980
41.0
0.350
–72.9
1400
0.500
–168.3
3.49
81.6
0.102
42.9
0.333
–76.6
1600
0.501
–177.3
3.09
76.8
0.108
44.8
0.319
–80.4
1800
0.508
176.2
2.78
72.5
0.113
46.4
0.310
–84.3
2000
0.510
169.6
2.53
68.7
0.119
48.6
0.305
–88.3
S Parameter
(VCE = 5 V, IC = 20 mA, ZO = 50
Ω, Emitter common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.527
–101.6
23.79
124.0
0.0307
55.1
0.587
–54.9
400
0.488
–140.1
14.12
105.5
0.0413
53.4
0.363
–72.2
600
0.482
–158.4
9.89
96.3
0.0510
56.8
0.267
–81.4
800
0.478
–170.3
7.56
90.3
0.0606
59.5
0.218
–87.6
1000
0.474
–179.6
6.10
85.2
0.0716
62.0
0.191
–91.7
1200
0.484
173.6
5.14
81.2
0.0817
63.5
0.174
–96.5
1400
0.481
167.9
4.44
77.4
0.0931
65.1
0.166
–100.0
1600
0.486
161.2
3.92
74.0
0.105
66.1
0.161
–104.4
1800
0.496
156.2
3.52
70.7
0.117
66.1
0.159
–107.9
2000
0.502
152.3
3.20
67.7
0.127
66.2
0.161
–111.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com