Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4926 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC4926
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4926 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC4926 Datasheet HTML 1Page - Renesas Technology Corp 2SC4926 Datasheet HTML 2Page - Renesas Technology Corp 2SC4926 Datasheet HTML 3Page - Renesas Technology Corp 2SC4926 Datasheet HTML 4Page - Renesas Technology Corp 2SC4926 Datasheet HTML 5Page - Renesas Technology Corp 2SC4926 Datasheet HTML 6Page - Renesas Technology Corp 2SC4926 Datasheet HTML 7Page - Renesas Technology Corp 2SC4926 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.3.00 Aug 10, 2005 page 1 of 7
2SC4926
Silicon NPN Epitaxial
REJ03G0735-0300
(Previous ADE-208-1128A)
Rev.3.00
Aug.10.2005
Application
VHF / UHF wide band amplifier
Features
• High gain bandwidth product
fT = 11 GHz Typ
• High gain, low noise figure
PG = 16.5 dB Typ, NF = 1.1 dB Typ at f = 900 MHz
Outline
RENESAS Package code: PLSP0004ZA-A
(Package name: MPAK-4)
1. Collector
2. Emitter
3. Base
4. Emitter
1
4
3
2
Note:
Marking is “YD–”.
Attention: This is electrostatic sensitive device.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
8
V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - 2SC4926

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4926 HITACHI-2SC4926 Datasheet
47Kb / 8P
Silicon NPN Epitaxial
More results

Similar Description - 2SC4926

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com