Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5543 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5543
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5543 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5543 Datasheet HTML 1Page - Renesas Technology Corp 2SC5543 Datasheet HTML 2Page - Renesas Technology Corp 2SC5543 Datasheet HTML 3Page - Renesas Technology Corp 2SC5543 Datasheet HTML 4Page - Renesas Technology Corp 2SC5543 Datasheet HTML 5Page - Renesas Technology Corp 2SC5543 Datasheet HTML 6Page - Renesas Technology Corp 2SC5543 Datasheet HTML 7Page - Renesas Technology Corp 2SC5543 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5543
Rev.2.00 Aug 10, 2005 page 6 of 7
Sparameter
(VCE = 1V, IC = 5mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.836
–20.7
13.66
162.9
0.0249
77.4
0.948
–14.2
200
0.757
–41.1
12.22
146.9
0.0472
68.0
0.846
–26.9
300
0.649
–58.5
10.57
134.1
0.0637
60.8
0.727
–36.2
400
0.564
–73.2
9.14
124.5
0.0750
56.9
0.623
–42.5
500
0.496
–85.2
7.90
116.8
0.0840
54.2
0.538
–46.2
600
0.436
–97.1
6.91
111.2
0.0916
53.4
0.469
–48.8
700
0.396
–106.2
6.12
105.9
0.0985
53.0
0.413
–50.4
800
0.364
–114.9
5.49
102.0
0.105
53.2
0.368
–51.1
900
0.338
–123.9
4.96
98.3
0.111
53.6
0.327
–51.1
1000
0.316
–130.6
4.52
95.3
0.118
54.1
0.297
–51.2
1100
0.305
–140.0
4.16
92.3
0.124
54.7
0.270
–50.7
1200
0.296
–146.5
3.86
89.8
0.130
55.3
0.246
–49.7
1300
0.293
–153.0
3.59
87.5
0.137
56.1
0.229
–48.7
1400
0.286
–159.5
3.36
85.4
0.143
56.6
0.209
–47.9
1500
0.287
–166.0
3.17
83.2
0.150
57.2
0.195
–46.3
1600
0.285
–170.7
3.00
81.4
0.157
57.7
0.180
–45.0
1700
0.289
–175.8
2.83
79.8
0.164
58.2
0.167
–43.8
1800
0.294
178.7
2.71
77.9
0.171
58.8
0.154
–42.4
1900
0.302
175.4
2.59
75.9
0.178
59.0
0.144
–40.2
2000
0.308
171.1
2.47
74.5
0.185
59.2
0.133
–38.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com