Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5543 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC5543
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5543 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC5543 Datasheet HTML 1Page - Renesas Technology Corp 2SC5543 Datasheet HTML 2Page - Renesas Technology Corp 2SC5543 Datasheet HTML 3Page - Renesas Technology Corp 2SC5543 Datasheet HTML 4Page - Renesas Technology Corp 2SC5543 Datasheet HTML 5Page - Renesas Technology Corp 2SC5543 Datasheet HTML 6Page - Renesas Technology Corp 2SC5543 Datasheet HTML 7Page - Renesas Technology Corp 2SC5543 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5543
Rev.2.00 Aug 10, 2005 page 2 of 7
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector cutoff current
ICBO
—
—
10
µA
VCB = 15V , IE = 0
Collector cutoff current
ICEO
—
—
1
mA
VCE = 8V , RBE =
∞
Emitter cutoff current
IEBO
—
—
10
µA
VEB = 1.5V , IC = 0
DC current transfer ratio
hFE
85
—
170
VCE = 1V , IC = 5mA
Collector output capacitance
Cob
—
0.51
0.9
pF
VCB = 1V , IE = 0
f = 1MHz
Gain bandwidth product
fT
5.5
8.5
—
GHz
VCE = 1V , IC = 5mA
Power gain
PG
11
13.7
—
dB
VCE = 1V, IC = 5mA
f = 900MHz
Noise figure
NF
—
1.1
2.5
dB
VCE = 1V, IC = 5mA
f = 900MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com