Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5628 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5628
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5628 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5628 Datasheet HTML 2Page - Renesas Technology Corp 2SC5628 Datasheet HTML 3Page - Renesas Technology Corp 2SC5628 Datasheet HTML 4Page - Renesas Technology Corp 2SC5628 Datasheet HTML 5Page - Renesas Technology Corp 2SC5628 Datasheet HTML 6Page - Renesas Technology Corp 2SC5628 Datasheet HTML 7Page - Renesas Technology Corp 2SC5628 Datasheet HTML 8Page - Renesas Technology Corp 2SC5628 Datasheet HTML 9Page - Renesas Technology Corp 2SC5628 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5628
Rev.3.00 Aug 10, 2005 page 7 of 9
Sparameter
(VCE = 1V, IC = 5mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.815
–46.1
13.63
152.2
0.0509
67.0
0.882
–32.5
200
0.734
–84.6
10.68
130.6
0.0834
51.0
0.695
–58.5
300
0.692
–111.2
8.23
116.8
0.0998
42.9
0.550
–76.0
400
0.665
–127.4
6.58
107.9
0.108
39.5
0.459
–88.5
500
0.650
–139.6
5.44
101.4
0.114
38.0
0.399
–98.1
600
0.644
–148.8
4.61
96.3
0.120
38.3
0.360
–105.7
700
0.640
–155.6
4.03
92.2
0.124
39.0
0.333
–112.2
800
0.641
–161.6
3.56
88.6
0.128
39.9
0.315
–117.8
900
0.638
–166.9
3.20
85.3
0.134
41.8
0.301
–122.4
1000
0.638
–171.6
2.90
82.2
0.138
43.5
0.292
–126.7
1100
0.643
–175.1
2.66
79.6
0.143
44.4
0.286
–130.2
1200
0.643
–178.5
2.46
77.2
0.149
46.2
0.280
–133.6
1300
0.648
178.5
2.28
74.9
0.154
47.8
0.279
–135.6
1400
0.651
175.4
2.15
72.8
0.161
49.1
0.278
–138.6
1500
0.658
173.2
2.03
70.5
0.168
50.9
0.277
–140.9
1600
0.663
170.0
1.92
68.5
0.174
51.8
0.279
–143.3
1700
0.667
167.2
1.82
66.7
0.182
53.2
0.281
–145.0
1800
0.669
165.0
1.74
64.4
0.189
54.6
0.282
–147.1
1900
0.673
163.1
1.67
63.2
0.196
55.5
0.286
–149.3
2000
0.682
161.0
1.60
61.4
0.204
56.4
0.289
–150.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com