Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5628 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5628
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5628 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5628 Datasheet HTML 2Page - Renesas Technology Corp 2SC5628 Datasheet HTML 3Page - Renesas Technology Corp 2SC5628 Datasheet HTML 4Page - Renesas Technology Corp 2SC5628 Datasheet HTML 5Page - Renesas Technology Corp 2SC5628 Datasheet HTML 6Page - Renesas Technology Corp 2SC5628 Datasheet HTML 7Page - Renesas Technology Corp 2SC5628 Datasheet HTML 8Page - Renesas Technology Corp 2SC5628 Datasheet HTML 9Page - Renesas Technology Corp 2SC5628 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5628
Rev.3.00 Aug 10, 2005 page 8 of 9
Sparameter
(VCE = 3V, IC = 5mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.826
–39.3
14.04
155.5
0.0412
69.9
0.906
–25.8
200
0.746
–74.6
11.47
134.9
0.0700
54.9
0.738
–47.3
300
0.685
–100.5
9.14
121.1
0.0864
46.7
0.591
–61.9
400
0.646
–117.4
7.41
111.9
0.0950
43.0
0.490
–71.9
500
0.627
–130.7
6.19
104.8
0.101
41.3
0.419
–79.9
600
0.617
–141.0
5.27
99.6
0.107
41.3
0.369
–85.7
700
0.606
–149.0
4.61
95.0
0.111
41.6
0.333
–90.7
800
0.598
–155.4
4.09
91.6
0.115
42.5
0.307
–95.3
900
0.605
–161.3
3.67
87.7
0.120
44.3
0.287
–99.0
1000
0.604
–166.1
3.35
84.7
0.124
45.6
0.273
–102.6
1100
0.604
–170.6
3.06
81.8
0.129
46.8
0.262
–106.0
1200
0.607
–174.2
2.83
79.5
0.134
49.0
0.253
–108.8
1300
0.605
–178.2
2.62
77.1
0.139
50.4
0.249
–111.0
1400
0.608
178.9
2.47
74.9
0.145
51.9
0.245
–114.3
1500
0.618
175.5
2.32
72.7
0.152
53.4
0.242
–116.6
1600
0.622
172.4
2.19
70.7
0.157
54.8
0.241
–118.9
1700
0.627
170.0
2.08
68.9
0.164
56.2
0.241
–121.3
1800
0.629
166.9
1.99
66.7
0.171
57.6
0.242
–123.4
1900
0.633
164.3
1.90
65.2
0.177
58.7
0.243
–125.9
2000
0.641
162.3
1.82
63.4
0.186
59.5
0.245
–127.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com