Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD974 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD974
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD974 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD974 Datasheet HTML 1Page - Renesas Technology Corp 2SD974 Datasheet HTML 2Page - Renesas Technology Corp 2SD974 Datasheet HTML 3Page - Renesas Technology Corp 2SD974 Datasheet HTML 4Page - Renesas Technology Corp 2SD974 Datasheet HTML 5Page - Renesas Technology Corp 2SD974 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD974
Rev.3.00 Oct 06, 2006 page 4 of 5
0.05
0.2
1.0
2.0
0.02
0.1
0.5
Collector Current IC (A)
1.5
1.3
1.1
0.9
0.7
0.5
Base to Emitter Saturation Voltage vs.
Collector Current
Pulse
–25
25
Ta =
75°C
IC/IB = 20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com