Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD974 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD974
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD974 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD974 Datasheet HTML 1Page - Renesas Technology Corp 2SD974 Datasheet HTML 2Page - Renesas Technology Corp 2SD974 Datasheet HTML 3Page - Renesas Technology Corp 2SD974 Datasheet HTML 4Page - Renesas Technology Corp 2SD974 Datasheet HTML 5Page - Renesas Technology Corp 2SD974 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD974
Rev.3.00 Oct 06, 2006 page 3 of 5
Main Characteristics
150
100
50
Ambient Temperature Ta (
°C)
0
1.2
0.8
0.4
Maximum Collector Dissipation Curve
50
100
150
Collector to Emitter Voltage VCE (V)
0
6
5
4
3
2
1
Area of Safe Operaton
(60 V, 0.5 A)
(20 V, 4 A)
f = 15.75 kHz
Ta = 25
°C
0.2
0.8
0.4
1.0
0.6
Collector to Emitter Voltage VCE (V)
0
0.5
0.4
0.3
0.2
0.1
Typical Output Characteristics
IB = 0
5
4
2
3
1.5
1
0.5 mA
0.1
0.5
2.0
0.2
1.0
0.05
0.02
Collector Current IC (A)
1,000
500
100
200
50
20
10
DC Current Transfer Ratio vs.
Collector Current
VCE = 5 V
Pulse
75
25
Ta = –25
°C
0.005
0.02
0.1
0.2
0.002
0.01
0.05
Base Current IB (A)
5
2
1.0
0.5
0.2
0.1
0.05
Collector to Emitter Saturation
Voltage vs. Base Current
Pulse
IC = 0.5 A
1.5 A
1 A
2
0.5
0.2
0.1
1.0
0.05
0.02
Collector Current IC (A)
2
0.5
1.0
0.1
0.2
0.02
0.05
Collector to Emitter Saturation Voltage vs.
Collector Current
Pulse
75
25
IC/IB = 20
Ta = –25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com