Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

455A Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 55Page - Renesas Technology Corp 455A Datasheet HTML 56Page - Renesas Technology Corp 455A Datasheet HTML 57Page - Renesas Technology Corp 455A Datasheet HTML 58Page - Renesas Technology Corp 455A Datasheet HTML 59Page - Renesas Technology Corp 455A Datasheet HTML 60Page - Renesas Technology Corp 455A Datasheet HTML 61Page - Renesas Technology Corp 455A Datasheet HTML 62Page - Renesas Technology Corp 455A Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 59 of 146
REJ03B0224-0101
455A Group
Note 1. “R” represents read enabled, and “W” represents write enabled.
Table 25 Key-on wakeup control register
Key-on wakeup control register K0
at reset : 00002
at power down : state retained
R/W
TAK0/TK0A
K03
Ports P12 and P13 key-on wakeup
control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K02
Ports P10 and P11 key-on wakeup
control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K01
Ports P02 and P03 key-on wakeup
control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K00
Ports P00 and P01 key-on wakeup
control bit
0
Key-on wakeup not used
1
Key-on wakeup used
Key-on wakeup control register K1
at reset : 00002
at power down : state retained
R/W
TAK1/TK1A
K13
Port P23 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K12
Port P22 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K11
Port P21 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K10
Port P20 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
Key-on wakeup control register K2
at reset : 00002
at power down : state retained
R/W
TAK2/TK2A
K23
Ports P32 and P33 key-on wakeup
control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K22
Ports P30 and P31 key-on wakeup
control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K21
INT pin return condition selection bit
0
Return by level
1
Return by edge
K20
INT pin key-on wakeup control bit
0
Key-on wakeup invalid
1
Key-on wakeup valid
Key-on wakeup control register K3
at reset : 00002
at power down : state retained
R/W
TAK3/TK3A
K33
Ports D6 and D7 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K32
Ports D4 and D5 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K31
Ports D2 and D3 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K30
Ports D0 and D1 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com