Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

455A Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 25Page - Renesas Technology Corp 455A Datasheet HTML 26Page - Renesas Technology Corp 455A Datasheet HTML 27Page - Renesas Technology Corp 455A Datasheet HTML 28Page - Renesas Technology Corp 455A Datasheet HTML 29Page - Renesas Technology Corp 455A Datasheet HTML 30Page - Renesas Technology Corp 455A Datasheet HTML 31Page - Renesas Technology Corp 455A Datasheet HTML 32Page - Renesas Technology Corp 455A Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 29 of 146
REJ03B0224-0101
455A Group
(3) Notes on interrupts
(1) Bit 3 of register I1
When the input of the INT pin is controlled with the bit 3 of
register I1 in software, be careful about the following notes.
• Depending on the input state of the D5/INT pin, the external 0
interrupt request flag (EXF0) may be set when the bit 3 of
register I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer
to (1) in Figure 29.) and then, change the bit 3 of register I1.
In addition, execute the SNZ0 instruction to clear the EXF0
flag to “0” after executing at least one instruction (refer to (2)
in Figure 29.).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ0 instruction (refer to (3) in Figure
29.).
Fig 29. External 0 interrupt program example-1
(2) Bit 3 of register I1
When the bit 3 of register I1 is cleared to “0”, the power
down mode is selected and the input of INT pin is disabled,
be careful about the following notes.
• When the INT pin input is disabled (register I13 = “0”), set the
key-on wakeup of INT pin to be invalid (register K20 = “0”)
before system enters to power down mode. (refer to (1) in
Figure 30.).
Fig 30. External 0 interrupt program example-2
(3) Bit 2 of register I1
When the interrupt valid waveform of the INT pin is
changed with the bit 2 of register I1 in software, be careful
about the following notes.
• Depending on the input state of the D5/INT pin, the external 0
interrupt request flag (EXF0) may be set when the bit 2 of
register I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer
to (1) in Figure 31.) and then, change the bit 2 of register I1 is
changed.
In addition, execute the SNZ0 instruction to clear the EXF0
flag to “0” after executing at least one instruction (refer to (2)
in Figure 31.).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ0 instruction (refer to (3) in Figure
31.).
Fig 31. External 0 interrupt program example-3
•
•
•
LA 4
; (
×××02)
TV1A
; The SNZ0 instruction is valid ...... (1)
LA 8
; (1
×××2)
TI1A
; Control of INT pin input is changed
NOP
...................................................... (2)
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
...................................................... (3)
•
•
•
×: these bits are not used here.
•
•
•
LA 0
; (
×××02)
TK2A
; INT0 key-on wakeup disabled .....(1)
DI
EPOF
POF2
; RAM back-up
•
•
•
×: these bits are not used here.
•
•
•
LA 4
; (
×××02)
TV1A
; The SNZ0 instruction is valid ......(1)
LA 12
; (
×1××2)
TI1A
; Interrupt valid waveform is changed
NOP
.......................................................(2)
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
.......................................................(3)
•
•
•
×: these bits are not used here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com