Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4282 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 55Page - Renesas Technology Corp 4282 Datasheet HTML 56Page - Renesas Technology Corp 4282 Datasheet HTML 57Page - Renesas Technology Corp 4282 Datasheet HTML 58Page - Renesas Technology Corp 4282 Datasheet HTML 59Page - Renesas Technology Corp 4282 Datasheet HTML 60Page - Renesas Technology Corp 4282 Datasheet HTML 61Page - Renesas Technology Corp 4282 Datasheet HTML 62Page - Renesas Technology Corp 4282 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
Rev.1.33
Mar 18, 2004
page 59 of 67
4282 Group
Parameter
“L” level output voltage Port CARR
“L” level output voltage XOUT
“H” level output voltage Ports D, E1, G
“H” level output voltage Port E0
“H” level output voltage CARR
“H” level output voltage XOUT
“L” level input current Ports D4–D7, E, G
“H” level input current Ports E0, E1
Output current at off-state Ports D, E0, E1, G
Supply current (when operating)
Supply current (at RAM back-up)
Pull-down resistor value Ports D4–D7, E, G
Feedback resistor value between XIN–XOUT
Test conditions
IOL = 2 mA
IOL = 0.2 mA
IOH = –2 mA
IOH = –12 mA
IOH = –10 mA
IOH = –0.2 mA
VI = VSS
VI = VDD
Pull-down transistor in off-state
VO = VSS
f(XIN) = 4.0 MHz
f(XIN) = 500 kHz
Ta = 25
°C
VDD = 3 V, VI = 3 V
Limits
Symbol
VOL
VOL
VOH
VOH
VOH
VOH
IIL
IIH
IOZ
IDD
RPH
ROSC
Unit
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
k
Ω
k
Ω
Max.
0.9
0.9
–1
1
–1
800
500
3
0.5
300
3200
Typ.
Min.
2.1
1.5
1.0
2.1
75
700
ELECTRICAL CHARACTERISTICS
(Ta = –20
°C to 85 °C, VDD = 3 V, unless otherwise noted)
BASIC TIMING DIAGRAM
System clock
Ports D, E, G output
Ports D, E, G input
STCK
Parameter
Pin name
Machine cycle
Mi
Mi+1
D0–D7,E0,E1
G0–G3
D4–D7
E0–E2
G0–G3
400
250
1
0.1
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com