Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4282 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 25Page - Renesas Technology Corp 4282 Datasheet HTML 26Page - Renesas Technology Corp 4282 Datasheet HTML 27Page - Renesas Technology Corp 4282 Datasheet HTML 28Page - Renesas Technology Corp 4282 Datasheet HTML 29Page - Renesas Technology Corp 4282 Datasheet HTML 30Page - Renesas Technology Corp 4282 Datasheet HTML 31Page - Renesas Technology Corp 4282 Datasheet HTML 32Page - Renesas Technology Corp 4282 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
Skip condition
Number of
cycles
Number of
words
Instrunction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instrunction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instrunction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instrunction
code
D8
D0
Flag CY
2
16
Rev.1.33
Mar 18, 2004
page 29 of 67
4282 Group
BML p, a (Branch and Mark Long to address a in page p)
00111p3
p2
p1
p0
07p
22
–
–
Grouping:
Subroutine call operation
Description: Call the subroutine : Calls the subroutine at
address a in page p.
Note:
p is 0 to 7 for M34282M1,
p is 0 to 15 for M34282M2/E2.
Operation:
(SK(SP))
← (PC)
(SP)
← (SP) + 1
(PCH)
← p
(PCL)
← a6–a0
BMLA p, a (Branch and Mark Long to address a in page p)
001010000
050
22
–
–
Grouping:
Subroutine call operation
Description: Call the subroutine : Calls the subroutine at
address (a6 a5 a4 A3 A2 A1 A0) determined
by replacing the low-order 4 bits of address
a in page p with register A.
Note:
p is 0 to 7 for M34282M1,
p is 0 to 15 for M34282M2/E2.
CCK (Change system Clock to f(XIN))
001011001
059
11
–
–
Grouping:
Other operation
Description: Changes system clock (STCK) from f(XIN)/8
to f(XIN). Execute this instruction at address
0 in page 0.
Operation:
Change to STCK = f(XIN)
2
16
10a6
a5
a4
a3
a2
a1
a0
1aa
Operation:
(SK(SP))
← (PC)
(SP)
← (SP) + 1
(PCH)
← p
(PCL)
← (a6–a4, A3–A0)
2
16
10a6
a5
a4
p3
p2
p1
p0
1ap
CLD (CLear port D)
000010001
011
11
–
–
Grouping:
Input/Output operation
Description: Clears (0) to port D (high-impedance state).
Operation:
(D)
← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com