Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34283G2GP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M34283G2GP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34283G2GP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M34283G2GP Datasheet HTML 9Page - Renesas Technology Corp M34283G2GP Datasheet HTML 10Page - Renesas Technology Corp M34283G2GP Datasheet HTML 11Page - Renesas Technology Corp M34283G2GP Datasheet HTML 12Page - Renesas Technology Corp M34283G2GP Datasheet HTML 13Page - Renesas Technology Corp M34283G2GP Datasheet HTML 14Page - Renesas Technology Corp M34283G2GP Datasheet HTML 15Page - Renesas Technology Corp M34283G2GP Datasheet HTML 16Page - Renesas Technology Corp M34283G2GP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Rev.1.01
Mar 20, 2006
page 13 of 62
REJ03B0109-0101
4283 Group
Table 4 Control registers related to timer
V12
V11
V10
Timer control register V1
Auto-control output by timer 1 is invalid
Auto-control output by timer 1 is valid
Carrier wave output (CARRY)
Bit 5 of watchdog timer (WDT)
Stop (Timer 1 state retained)
Operating
0
1
0
1
0
1
Carrier wave output auto-control bit
Timer 1 count source selection bit
Timer 1 control bit
at reset : 0002
W
at RAM back-up : 0002
V23
V22
V21
V20
Timer control register V2
To expand “H” interval is invalid
To expand “H” interval is valid (when V22=1 selected)
Carrier wave generation function invalid
Carrier wave generation function valid
f(XIN)
f(XIN)/2
Stop (Timer 2 state retained)
Operating
0
1
0
1
0
1
0
1
Carrier wave “H” interval expansion bit
Carrier wave generation function control bit
Timer 2 count source selection bit
Timer 2 control bit
at reset : 00002
W
at RAM back-up : 00002
Note: “W” represents write enabled.
(1) Control registers related to timer
•
Timer control register V1
Register V1 controls the timer 1 count source and auto-
control function of carrier wave output from port CARR by
timer 1. Set the contents of this register through register A
with the TV1A instruction.
•
Timer control register V2
Register V2 controls the timer 2 count source and the carrier
wave generation function by timer. Set the contents of this
register through register A with the TV2A instruction.
(2) Precautions
Note the following for the use of timers.
•
Count source
Stop timer 1 or timer 2 counting to change its count source.
•
Reading the count value
Stop timer 1 or 2 counting and then execute the data read
instruction (TAB1, TAB2) to read its data.
•
Watchdog timer
Be sure that the timing to execute the WRST instruction in
order to operate WDT efficiently.
•
Writing to reload register R1
When writing data to reload register R1 while timer 1 is
operating, avoid a timing when timer 1 underflows.
•
Timer 1 count operation
When the bit 5 of the watchdog timer (WDT) is selected as
the timer 1 count source, the error of maximum ± 256
µs
(at the minimum instruction execution time : 8
µs) is
generated from timer 1 start until timer 1 underflow. When
programming, be careful about this error.
•
Stop of timer 2
Avoid a timing when timer 2 underflows to stop timer 2.
•
Writing to reload register R2H
When writing data to reload register R2H while timer 2 is
operating, avoid a timing when timer underflows.
•
Timer 2 carrier wave output function
When to expand “H” interval of carrier wave is valid, set “1”
or more to reload register R2H.
•
Timer 1 and timer 2 carrier wave output function
Count starts from the rising edge ➁ in Fig. 14 after the first
falling edge of the count source, after timer 1 and timer 2
operations start ① in Fig. 14.
Time to first underflow ③ in Fig. 14 is different from time
among next underflow ④ in Fig. 14 by the timing to start the
timer and count source operations after count starts.
Fig. 14 Count start time and count time when operation
starts (T1, T2)
3
21
032
103
➀
➃
➂
➁
Timer start
Count source
Timer value
Timer underflow signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com