Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34283G2GP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M34283G2GP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34283G2GP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M34283G2GP Datasheet HTML 17Page - Renesas Technology Corp M34283G2GP Datasheet HTML 18Page - Renesas Technology Corp M34283G2GP Datasheet HTML 19Page - Renesas Technology Corp M34283G2GP Datasheet HTML 20Page - Renesas Technology Corp M34283G2GP Datasheet HTML 21Page - Renesas Technology Corp M34283G2GP Datasheet HTML 22Page - Renesas Technology Corp M34283G2GP Datasheet HTML 23Page - Renesas Technology Corp M34283G2GP Datasheet HTML 24Page - Renesas Technology Corp M34283G2GP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Rev.1.01
Mar 20, 2006
page 21 of 62
REJ03B0109-0101
4283 Group
Remarks
Only key-on wakeup function of the port whose pull-down transistor is
turned ON by register PU1 is valid.
Only key-on wakeup function of the port whose pull-down transistor is
turned ON by register PU0 is valid.
Key-on wakeup function is always valid.
Return source
Ports D4–D7
Ports E0, E1, G
Port E2
Return condition
Return by an external “H” level
input.
Return by an external “H” level
input.
Return by an external “H” level
input.
Table 8 Return source and return condition
(5) Pull-down control register
Registers PU0 and PU1 are 4-bit registers and control the
ON/OFF of pull-down transistor and key-on wakeup function
for ports E0, E1, G and ports D4–D7.
Table 9 Pull-down control registers
PU03
PU02
PU01
PU00
Pull-down transistor OFF, key-on wakeup invalid
Pull-down transistor ON, key-on wakeup valid
Pull-down transistor OFF, key-on wakeup invalid
Pull-down transistor ON, key-on wakeup valid
Pull-down transistor OFF, key-on wakeup invalid
Pull-down transistor ON, key-on wakeup valid
Pull-down transistor OFF, key-on wakeup invalid
Pull-down transistor ON, key-on wakeup valid
Ports G2, G3 pull-down transistor control
bit
Ports G0, G1 pull-down transistor control
bit
Port E1 pull-down transistor control bit
Port E0 pull-down transistor control bit
Pull-down control register PU0
at reset : 00002
at RAM back-up : state retained
W
0
1
0
1
0
1
0
1
Note: “W” represents write enabled.
Set the contents of register PU0 or PU1 through register A
with the TPU0A or TPU1A instruction, respectively.
(4) Return signal
An external wakeup signal is used to return from the RAM
back-up mode. Table 8 shows the return condition for each
return source.
PU13
PU12
PU11
PU10
Pull-down transistor OFF, key-on wakeup invalid
Pull-down transistor ON, key-on wakeup valid
Pull-down transistor OFF, key-on wakeup invalid
Pull-down transistor ON, key-on wakeup valid
Pull-down transistor OFF, key-on wakeup invalid
Pull-down transistor ON, key-on wakeup valid
Pull-down transistor OFF, key-on wakeup invalid
Pull-down transistor ON, key-on wakeup valid
Port D7 pull-down transistor control bit
Port D6 pull-down transistor control bit
Port D5 pull-down transistor control bit
Port D4 pull-down transistor control bit
Pull-down control register PU1
at reset : 00002
at RAM back-up : state retained
W
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com