Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA52A10MM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RNA52A10MM
Description  Dual CMOS system.RESET IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA52A10MM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RNA52A10MM Datasheet HTML 3Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 4Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 5Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 6Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 7Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 8Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 9Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 10Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RNA52A10MM
REJ03D0858-0500 Rev.5.00 Oct 06, 2008
Page 7 of 11
Pin Descriptions
Pin No.
Pin Name
Function
1
MR
Manual reset input pin for reset circuit 2 (the circuit with the delay function).
The MR signal is active high, so applying a high level to MR sets the Vo2 pin to the low level.
If Vi2
> V
REF when the signal on the MR pin is changed back from the high to the low level, the Vo2 pin is returned
from the low to the high level after a delay time TDLY0. This can be set as required. The MR pin is pulled down to
the GND level via an internal 2-M
Ω resistor . However, we recommend connection of the pin to the GND line
when it is not in use.
2
Vo1
Reset signal output pin for reset circuit 1 (the circuit with no delay function). The output is open-drain.
The recommended value of the pull-up resistor (RL1) is 3 k to 100 k
Ω. When the voltage input on pin Vi1 falls to or
below VREF, the signal output from the Vo1 pin is changed from the high to the low level. Since the characteristic
includes hysteresis, the signal output from the
Vo1 pin changes from the low to the high level when the voltage
input on pin Vi1 rises to or above VREF+VHYS. Refer to the timing diagram on page 4 for details.
3
Vo2
Reset signal output pin for reset circuit 2 (the circuit with the delay function). The output is open-drain.
The recommended value for the pull-up resistor (RL2 ) is 3 k to 100 k
Ω. When the voltage input on pin Vi2 falls to
or below VREF, the signal output from the Vo2 pin is changed from the high to the low level. Since the input
characteristic includes hysteresis, the signal output from the
Vo2 pin changes from the low to the high level when
the voltage input on pin Vi2 rises to or above VREF+VHYS and the set delay time TDLY0 has elapsed. Refer to the
timing diagram on page 4 and regulations for state of capacitor CD electrical discharge and delay time on page 10
for details.
4
GND
GND pin
5
CD
Pin for connection to the resistor (RD) and capacitor (CD) for setting of the delay time, TDLY0. Refer to the Block
Diagram and Typical Application Circuit on page 2 for an example of the connection. The relation by which the
resistance and capacitance set up the delay time can be expressed as TDLY0 = 0.94
× C
D
× R
D. Refer to this
formula in determining the values of resistance and capacitance. Resistance RD must use the one within the
range of 1 k to 1 M
Ω. Ensure that capacitor C
D has a value no greater than 1.3
µF. The dependence of delay
time TDLY0 on the values of external capacitor CD and external resistor RD is illustrated on page 10. To avoid errors
due to noise input via the CD pin, this input includes a Schmitt-trigger inverter.
6
Vi2
Voltage input pin for reset circuit 2 (the circuit with the delay function). When the input voltage falls to or below
VREF, the signal output from the Vo2 pin is changed to the low level. Since the input characteristic includes
hysteresis, the signal output from the
Vo2 pin is changed from the low to the high level after the voltage input on
pin Vi2 has risen to or above VREF+VHYS and delay time TDLY has elapsed. The reset-threshold voltage is derived
from the power-supply voltage VDD2 according to the division ratio set up by resistors RS3 and RS4 as described
under the block diagram and typical application circuit on page 3. To avoid shifting of the reset detection voltage
being shifted by input current via the Vi2 pin, select a value no greater than 25 k
Ω for parallel resistors R
S3 and
RS4. Refer to the graph on page 3 for details. Besides, to avoid errors due to noise in power-supply voltage VDD2,
select a capacitor with superior frequency characteristics and connect it between the Vi2 and GND pins.
7
Vi1
Voltage input pin for reset circuit 1 (the circuit without the delay function). When the input voltage falls to or below
VREF, the signal output from the Vo1 pin is changed to the low level. Since the input characteristic includes
hysteresis, the signal output from the
Vo1 pin is changed from the low to the high level after the voltage input on
pin Vi1 has risen to or above VREF+VHYS. The reset-threshold voltage is derived from the power-supply voltage
VDD1 according to the division ratio set up by resistors RS1 and RS2 as described under the block diagram and
typical application circuit on page 3. To avoid shifting of the reset detection voltage being shifted by input current
via the Vi1 pin, select a value no greater than 25 k
Ω for parallel resistors R
S1 and RS2. Refer to the graph on page
3 for details. Besides, to avoid errors due to noise in power-supply voltage VDD1, select a capacitor with superior
frequency characteristics and connect it between the Vi2 and GND pins.
8
VDD
Power-supply pin for the chip. For stable operation, select a capacitor with superior frequency characteristics
and connect it between the VDD and GND pins and as close to the chip as possible. When selecting the value of
the capacitor, consider aspects of the system environment such as the quality of the power supply. Refer to the
block diagram and typical application circuit on page 3 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com