Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA52A10MM Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RNA52A10MM
Description  Dual CMOS system.RESET IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA52A10MM Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RNA52A10MM Datasheet HTML 4Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 5Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 6Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 7Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 8Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 9Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 10Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 11Page - Renesas Technology Corp RNA52A10MM Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RNA52A10MM
REJ03D0858-0500 Rev.5.00 Oct 06, 2008
Page 9 of 11
Test Circuits (cont.)
9
1
2
3
4
8
7
6
5
MR
Vo1
Vo2
GND
VDD
Vi1
Vi2
CD
11
1
2
3
4
8
7
6
5
MR
Vo1
Vo2
GND
VDD
Vi1
Vi2
CD
A
Vi1
Vo1
TPLH
1.06 V
1.65 V
0 V
0 V
3.3 V
3.3 V
8
1
2
3
4
8
7
6
5
MR
Vo1
Vo2
GND
VDD
Vi1
Vi2
CD
Vi2
Vo2
TDLY0
1.06 V
1.65 V
0 V
0 V
3.3 V
3.3 V
10
1
2
3
4
8
7
6
5
MR
Vo1
Vo2
GND
VDD
Vi1
Vi2
CD
Vi1, Vi2
Vo1, Vo2
TPHL
1.0 V
1.65V
3.3 V
3.3 V
0 V
0 V
V
12
1
2
3
4
8
7
6
5
MR
Vo1
Vo2
GND
VDD
Vi1
Vi2
CD
V
13
1
2
3
4
8
7
6
5
MR
Vo1
Vo2
GND
VDD
Vi1
Vi2
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com