Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS8NF30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS8NF30L
Description  N - CHANNEL 30V - 0.018ohm - 8A SO-8 STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8NF30L Datasheet(HTML) 3 Page - STMicroelectronics

  STS8NF30L Datasheet HTML 1Page - STMicroelectronics STS8NF30L Datasheet HTML 2Page - STMicroelectronics STS8NF30L Datasheet HTML 3Page - STMicroelectronics STS8NF30L Datasheet HTML 4Page - STMicroelectronics STS8NF30L Datasheet HTML 5Page - STMicroelectronics STS8NF30L Datasheet HTML 6Page - STMicroelectronics STS8NF30L Datasheet HTML 7Page - STMicroelectronics STS8NF30L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay T ime
Rise Time
VDD =15 V
ID =4 A
RG =4.7
Ω
VGS =4.5 V
(Resistive Load, see fig. 3)
22
60
ns
ns
Qg
Q gs
Qgd
Tot al G ate Charge
Gat e-Source Charge
Gat e-Drain Charge
VDD =24 V ID =6 A VGS = 4.5 V
17.5
4
7
23
nC
nC
nC
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay T ime
Fall T ime
VDD =15 V
ID =4 A
RG =4.7
Ω
VGS =4.5 V
(Resistive Load, see fig. 3)
42
10
ns
ns
tr(Voff)
tf
tc
Off -volt age Rise T ime
Fall T ime
Cross-over Time
Vclamp =24 V
ID =8 A
RG =4.7
Ω
VGS =4.5 V
(Induct ive Load, see fig. 5)
11
12
25
ns
ns
ns
SOURCE DRAIN DIODE
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ISD
ISDM (
•)
Source-drain Current
Source-drain Current
(pulsed)
8
32
A
A
VSD (
∗)Forward On Voltage
ISD =8 A
VGS =0
1. 2
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD =8 A
di/dt = 100 A/
µs
VDD =20 V
Tj =150
oC
(see t est circuit, f ig. 5)
50
40
1.6
ns
nC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
STS8NF30L
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com